Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUZ80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUZ80
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUZ80 Datasheet(HTML) 1 Page - STMicroelectronics

  BUZ80 Datasheet HTML 1Page - STMicroelectronics BUZ80 Datasheet HTML 2Page - STMicroelectronics BUZ80 Datasheet HTML 3Page - STMicroelectronics BUZ80 Datasheet HTML 4Page - STMicroelectronics BUZ80 Datasheet HTML 5Page - STMicroelectronics BUZ80 Datasheet HTML 6Page - STMicroelectronics BUZ80 Datasheet HTML 7Page - STMicroelectronics BUZ80 Datasheet HTML 8Page - STMicroelectronics BUZ80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
BUZ80
BUZ80FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
s
TYPICAL RDS(on) = 3.3
Ω
s
AVALANCHE RUGGEDNESS TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INPUT CAPACITANCE
s
LOW GATE CHARGE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
CONSUMER AND INDUSTRIAL LIGHTING
s
DC-AC INVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLY (UPS)
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
R DS(on)
ID
BUZ80
BUZ80FI
800 V
800 V
<4
Ω
<4
Ω
3.4 A
2.1 A
1
2
3
TO-220
ISOWATT220
November 1996
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
BUZ80
BUZ80FI
VDS
Drain-source Voltage (VGS =0)
800
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)800
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont inuous) at T c =25
oC3.4
2.1
A
ID
Drain Current (cont inuous) at T c =100
oC2.1
1.3
A
IDM(
•)
Drain Current (pulsed)
13
13
A
Ptot
Total Dissipation at Tc =25
oC
100
40
W
Derating Factor
0.8
0.32
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
2000
V
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
2
3
1/10


Similar Part No. - BUZ80

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ80 SIEMENS-BUZ80 Datasheet
180Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
New Jersey Semi-Conduct...
BUZ80 NJSEMI-BUZ80 Datasheet
105Kb / 4P
Enhancement mode
logo
List of Unclassifed Man...
BUZ80 ETC2-BUZ80 Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Inchange Semiconductor ...
BUZ80 ISC-BUZ80 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode)
More results

Similar Description - BUZ80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com