Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MS4TQB5M7RE Datasheet(PDF) 4 Page - Multicomp Pro

Part # 2MS4TQB5M7RE
Description  Toggle Switches Sub-Miniature
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2MS4TQB5M7RE Datasheet(HTML) 4 Page - Multicomp Pro

  2MS4TQB5M7RE Datasheet HTML 1Page - Multicomp Pro 2MS4TQB5M7RE Datasheet HTML 2Page - Multicomp Pro 2MS4TQB5M7RE Datasheet HTML 3Page - Multicomp Pro 2MS4TQB5M7RE Datasheet HTML 4Page - Multicomp Pro 2MS4TQB5M7RE Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page <4>
V1.1
29/04/22
Toggle Switches
Sub-Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Number
of
Poles
Switch Function
Connected Terminals/Schematic
Model Number
Position 1 Position 2 Position 3
Position 1
Position 2
Position 3
SP
On
None
On
2 - 3
N/A
2 - 1
2MS1
Mom
2MS2
Off
On
Open
2MS3
Mom
Mom
2MS4
On
2MS5
DP
On
None
On
2 - 3, 5 - 6
-
2 - 1, 5 - 4
2MD1
Mom
-
2MD2
Off
On
-
2MD3
On
2 - 3, 5 - 6
2 - 3, 5 - 4
2 - 1, 5 - 4
2MD6
Specifications
Part Number Explanation:
Mom = Momentary
2MS4
T2
B2
M2
R
E
Model
Number
Actuator
Bushing
Terminations
Contact
Material
Seal
RoHS Compliant
Model Number
: 2MS1 = SP On-None-On, 2MS2 = SP On-None-Mom, 2MS3 = SP On-Off-On, 2MS4 = SP Mom-Off-
Mom, 2MS5 = SP On-Off-Mom, 2MD1 = DP On-None-On, 2MD2 = DP On-None-Mom, 2MD3 = DP On-
Off-On and 2MD6 = DP On-On-On
Actuator
: T1 = 9.40 High and T2 = 5.33 High
Bushing
: B2 = 5.59 High, Flat (Non-thd) and B5 = 7.87 High, Flat (thd)
Terminations
: M2 = PVC Through Hole, M6 = Right Angle, PVC Through Hole and M7 = Vertical Right Angle, PVC
Through Hole
Contact Material : R = Gold
Seal
: E = Epoxy (STD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com