Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3AB4 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PUSB3AB4
Description  ESD protection for ultra high-speed interfaces
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3AB4 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PUSB3AB4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3AB4 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
© Nexperia B.V. 2017. All rights reserved
PUSB3AB4
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 4 May 2016
8 of 13
Nexperia
PUSB3AB4
ESD protection for ultra high-speed interfaces
7.
Application information
The device is designed to provide high-level ESD protection for high-speed serial
data buses such as HDMI, DisplayPort, eSATA and LVDS data lines.
When designing the PCB, give careful consideration to impedance matching and signal
coupling. Do not connect the signal lines to unlimited current sources like, for example, a
battery.
8.
Package outline
According to IEC 61000-4-5 (8/20
s)
According to IEC 61000-4-5 (8/20
s)
Fig 13. Dynamic resistance with positive clamping;
typical values
Fig 14. Dynamic resistance with negative clamping;
typical values
VCL (V)
08
6
24
aaa-023076
4
2
6
8
IPP
(A)
0
VCL (V)
-8
0
-2
-6
-4
aaa-023077
-4
-6
-2
0
IPP
(A)
-8
Fig 15. Package outline DFN2510A-10 (SOT1176-1)
12-05-23
Dimensions in mm
10
6
1
5
0.4
0.3
0.45
0.35
0.05 max
0.5 max
0.127
0.25
0.15
1.1
0.9
0.2 min
2
0.5
2.6
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com