Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPPRM03WJW20KB00 Datasheet(PDF) 3 Page - Multicomp Pro

Part # MPPRM03WJW20KB00
Description  Through Hole Cement Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPPRM03WJW20KB00 Datasheet(HTML) 3 Page - Multicomp Pro

  MPPRM03WJW20KB00 Datasheet HTML 1Page - Multicomp Pro MPPRM03WJW20KB00 Datasheet HTML 2Page - Multicomp Pro MPPRM03WJW20KB00 Datasheet HTML 3Page - Multicomp Pro MPPRM03WJW20KB00 Datasheet HTML 4Page - Multicomp Pro MPPRM03WJW20KB00 Datasheet HTML 5Page - Multicomp Pro MPPRM03WJW20KB00 Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Page <3>
V1.0
10/07/25
Through Hole Cement Resistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Characteristics
Limits
Test Methods
(JIS C 5201-1)
Dielectric withstanding
voltage
No evidence of flashover,
mechanical damage, arcing or
insulation break down
Resistors shall be clamped in the trough of a 90° metallic
V-block and shall be tested at AC potential respectively
for 60 +10/ -0 secs. (Sub-clause 4.7)
Temperature coefficient
<20Ω : ± 400 PPM/°C
≥20Ω : ± 350 PPM/°C
Natural resistance change per temp. degree centigrade.
R2-R1
× 106
(PPM/°C)
R1(t2-t1)
R1: Resistance value at room temperature (t1)
R2: Resistance value at room temp. plus 100°C (t2)
(Sub-clause 4.8)
Short time overload
Resistance change rate is
± (5% + 0.05Ω) Max. with no
evidence of mechanical damage
Permanent resistance change after the application of a
potential of 2.5 times RCWV or Max Overload Voltage
whichever is lesser for 5 sec.
(Sub-clause 4.13)
Terminal strength
No evidence of mechanical
damage
Direct load :
Resistance to a 2.5 kgs direct load for 10 secs. in the
direction of the longitudinal axis of the terminal leads
Twist test :
Terminal leads shall be bent through 90° at a point of
about 6mm from the body of the resistor and shall be
rotated through 360° about the original axis of the bent
terminal in alternating direction for a total of 3 rotations
(Sub-clause 4.16)
Solderability
95 % coverage Min.
The area covered with a new, smooth, clean, shiny and
continuous surface free from concentrated pinholes.
Test temp. of solder : 245°C ± 5°C
Dwell time in solder : 2 to 3 seconds
(Sub-clause 4.17)
Soldering temp. reference
Electrical characteristics shall be
satisfied. Without distinct
deformation in appearance.
(95 % coverage Min.)
The leads immersed into solder bath to 3.2 to 4.8 mm.
from the body. Permanent resistance change shall be
checked.
Wave soldering condition: (2 cycles Max.)
Pre-heat : 100 ~ 120°C, 30 ± 5 sec.
Suggestion solder temp.: 235 ~ 255°C, 10 sec. (Max.)
Peak temp.: 260°C
Hand soldering condition:
Hand Soldering bit temp. : 380 ± 10°C
Dwell time in solder : 3 +1/-0 sec.
Resistance to soldering
heat
Resistance change rate is
± (1% + 0.05Ω) Max. with no
evidence of mechanical
damage.
Permanent resistance change when leads immersed to
3.2 to 4.8 mm from the body in 350°C ± 10°C solder for 3
± 0.5 seconds.
(Sub-clause 4.18)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com