Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF20NF20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF20NF20
Description  N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20NF20 Datasheet(HTML) 1 Page - STMicroelectronics

  STF20NF20 Datasheet HTML 1Page - STMicroelectronics STF20NF20 Datasheet HTML 2Page - STMicroelectronics STF20NF20 Datasheet HTML 3Page - STMicroelectronics STF20NF20 Datasheet HTML 4Page - STMicroelectronics STF20NF20 Datasheet HTML 5Page - STMicroelectronics STF20NF20 Datasheet HTML 6Page - STMicroelectronics STF20NF20 Datasheet HTML 7Page - STMicroelectronics STF20NF20 Datasheet HTML 8Page - STMicroelectronics STF20NF20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
April 2007
Rev 3
1/16
16
STD20NF20
STF20NF20 - STP20NF20
N-channel 200V - 0.10
Ω -18A- DPAK/TO-220/TO-220FP
Low gate charge STripFET™ Power MOSFET
Features
■ Exceptional dv/dt capability
■ Low gate charge
■ 100% avalanche tested
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
has specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency isolated DC-DC converters.
Application
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
PW
STD20NF20
200V
<0.125
Ω
18A
90W
STF20NF20
200V
<0.125
Ω
18A
25W
STP20NF20
200V
<0.125
Ω
18A
90W
1
2
3
1
2
3
1
3
TO-220FP
TO-220
DPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD20NF20
20NF20
DPAK
Tape & reel
STF20NF20
20NF20
TO-220FP
Tube
STP20NF20
20NF20
TO-220
Tube


Similar Part No. - STF20NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF20NF20 STMICROELECTRONICS-STF20NF20 Datasheet
915Kb / 15P
N-channel 200 V, 0.10 Ω, 18 A DPAK, TO-220, TO-220FP low gate charge STripFET??Power MOSFET
10-Dec-2009
logo
VBsemi Electronics Co.,...
STF20NF20 VBSEMI-STF20NF20 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
STF20NF20 ISC-STF20NF20 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF20NF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP14NF12 STMICROELECTRONICS-STP14NF12 Datasheet
345Kb / 9P
N-CHANNEL 120V - 0.16ohm - 14A TO-220/TO-220FP LOW GATE CHARGE STripFET™ POWER MOSFET
August 2002
STD20N20 STMICROELECTRONICS-STD20N20 Datasheet
405Kb / 13P
N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
12-Jan-2005
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STD16NF25 STMICROELECTRONICS-STD16NF25 Datasheet
462Kb / 16P
N-channel 250V - 0.195Ω - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
16-Oct-2007
STD40NF10 STMICROELECTRONICS-STD40NF10 Datasheet
379Kb / 15P
N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
19-Sep-2007
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STD20NF20 STMICROELECTRONICS-STD20NF20_09 Datasheet
915Kb / 15P
N-channel 200 V, 0.10 Ω, 18 A DPAK, TO-220, TO-220FP low gate charge STripFET??Power MOSFET
10-Dec-2009
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com