Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0507 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0507
Description  FireBeetle Covers OLED12864 Display SKU: DFR0507
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0507 Datasheet(HTML) 2 Page - DFROBOT

  DFR0507 Datasheet HTML 1Page - DFROBOT DFR0507 Datasheet HTML 2Page - DFROBOT DFR0507 Datasheet HTML 3Page - DFROBOT DFR0507 Datasheet HTML 4Page - DFROBOT DFR0507 Datasheet HTML 5Page - DFROBOT DFR0507 Datasheet HTML 6Page - DFROBOT DFR0507 Datasheet HTML 7Page - DFROBOT DFR0507 Datasheet HTML 8Page - DFROBOT DFR0507 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Introduction
DFRobot FireBeetle firefly series is low-power development component designed for the IoT. This
FireBeetle covers display module is equipped with 128x64 resolution OLED and new version of
SSD1360 driver, uses I2C interface, supports for the Arduino library and microPython, fully
compatible with the Gravity I2C OLED-2864 screen. OLED screen has a protective frame to protect
the screen, it prevents the finger from being scratched on the edge of the glass. The OLED 12864
display module also integrates the GT30L24A3W Chinese / foreign font library chip and the BMA220
three-axis accelerometer. In addition, the FireBeetle Covers-OLED12864 display features an analog
directional key and two independent digital keys A and B.
Specification
•
Voltage Range: 3.7V-5.5V
•
2 User Buttons: Using digital port D4, D8 detection mode
•
5-way Switch: Using analog port A0 detection mode
•
Three- axis Accelerometer BMA220: IIC
•
Data Bus: IIC
•
Dimension: 0.079x0.079x0.035in/2x2x0.9mm
•
Resolution: 6 bit
•
Range: 2/4/8/16g
•
Power Consumption: 250uA
•
OLED
•
Model: UG-2864HLBEG01
•
Dimension: 0.96in
•
Color: blue
•
Data Bus: IIC
•
Pixel:128x64
•
Font Chip: GT30L24A3W
•
Data Bus: SPI
•
Character Set:
•
GB18030 Simplified Chinese/Traditional Chinese
•
KSC5601 Korean
•
JIS0208 Japanese
•
180 Foreign Font
•
Support for Multinational Unicode
•
IS08859 and CODE PAGE
•
Chinese Character Size:12 dot matrix, 16dot matrix, 24dot matrix
•
Foreign Character Size:16 dot matrix, 24 dot matrix
•
Working Current: 12mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com