Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0511 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0511
Description  FireBeetle Covers-ePaper Black&White Display Module SKU: DFR0511
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0511 Datasheet(HTML) 2 Page - DFROBOT

  DFR0511 Datasheet HTML 1Page - DFROBOT DFR0511 Datasheet HTML 2Page - DFROBOT DFR0511 Datasheet HTML 3Page - DFROBOT DFR0511 Datasheet HTML 4Page - DFROBOT DFR0511 Datasheet HTML 5Page - DFROBOT DFR0511 Datasheet HTML 6Page - DFROBOT DFR0511 Datasheet HTML 7Page - DFROBOT DFR0511 Datasheet HTML 8Page - DFROBOT DFR0511 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Specification
Input Voltage: 3.3V
Ink Screen GDE0213B1
Dimension: 59.2 x 29.2 x 1.05mm/2.33 x 1.15 x 0.04in
Screen Size: 48.55 x 23.80mm/1.19 x 0.94in
Resolution: 250 x 122
Data Bus: SPI
Color: Black and white
Refresh Time: takes about 4 seconds to fully refresh,0.5 seconds to partly refresh.
Refresh Consumption: 26.4mW
Font Chip GT30L24A3W
Character Set:
GB18030 Simplified Chinese/Traditional Chinese
KSC5601 Korean
JIS0208 Japanese
180 Foreign Font
Support for multinational Unicode
IS08859 and CODE PAGE
Chinese Character Size:12 dot matrix, 16dot matrix, 24dot matrix
Foreign Character Size:16 dot matrix, 24 dot matrix
Operating Current: 12mA
Board Overview
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com