Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY233-600 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BY233-600
Description  FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BY233-600 Datasheet(HTML) 2 Page - STMicroelectronics

  BY233-600 Datasheet HTML 1Page - STMicroelectronics BY233-600 Datasheet HTML 2Page - STMicroelectronics BY233-600 Datasheet HTML 3Page - STMicroelectronics BY233-600 Datasheet HTML 4Page - STMicroelectronics BY233-600 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
Synbol
Test Conditions
Min.
Typ.
Max.
Unit
IR
Tj = 25
°C
VR = VRRM
20
µA
Tj = 100
°C
1mA
VF
Tj = 25
°C
IF = 8A
1.5
V
Tj = 100
°C
1.25
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°C
IF = 1A
diF/dt = - 15A/
µs
VR = 30V
150
ns
Qrr
Tj = 25
°C
IF = 8A
diF/dt = - 20A/
µs
VR = 100V
2.2
µC
IRM
Tj = 25
°C
IF = 8A
diF/dt = - 20A/
µs
VR = 100V
4A
RECOVERY CHARACTERISTICS
To evaluate the conduction losses use the following equations:
VF = 0.95 + 0.012 IF
P = 0.95 x IF(AV) + 0.012 IF2(RMS)
BY 233-600



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com