Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STHS2376AM6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STHS2376AM6F
Description  IEEE 802.3af PoE Powered Device (PD) interface controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHS2376AM6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STHS2376AM6F Datasheet HTML 3Page - STMicroelectronics STHS2376AM6F Datasheet HTML 4Page - STMicroelectronics STHS2376AM6F Datasheet HTML 5Page - STMicroelectronics STHS2376AM6F Datasheet HTML 6Page - STMicroelectronics STHS2376AM6F Datasheet HTML 7Page - STMicroelectronics STHS2376AM6F Datasheet HTML 8Page - STMicroelectronics STHS2376AM6F Datasheet HTML 9Page - STMicroelectronics STHS2376AM6F Datasheet HTML 10Page - STMicroelectronics STHS2376AM6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
STHS237x
Summary description
7/20
1.1
Pin descriptions
1.1.1
Current limit (ILIM)
Connect a resistor between ILIM and VSS to set the start-up inrush current limit.
ILIM = 25 000/RILIM [A]. Practical values of RILIM are between 62.5kΩ and 500kΩ.
RILIM = 178kΩ for inrush current of 140mA for compatibility with legacy PSEs. Do not leave
open or connect to VSS.
1.1.2
Classification (CLASS)
Connect a Classification resistor between this pin and VSS to tell the PSE which power class
will be connected. Do not connect this pin directly to VSS.
For classification resistor values, see Table 3 on page 8.
1.1.3
Detection resistor (DET)
Connect a 24.9k
Ω resistor between DET and VDD to allow the PSE to detect the Powered
Device properly.
1.1.4
Ground (VSS)
This is the return power line on the PSE side (negative).
1.1.5
Return (RTN)
This is the return power output on the load side, negative rail.
1.1.6
Power Good output (PG)
This pin indicates that the STHS power MOSFET is fully on and works in normal operation
mode (Power Good). Open drain, high impedance means that the power is good; in all other
cases, the impedance is low (referenced to RTN).
1.1.7
Undervoltage Lockout Input (UVLO, STHS2376A/L only)
Connect the tap of the resistor divider between VDD and VSS to set the UVLO voltage limits
(see Figure 6 on page 10).
Note: STHS2376A/L only, for all other devices, this is No Connect.
1.1.8
Power supply (VDD)
This is the Power Input/Output, positive rail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com