Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF009 Datasheet(PDF) 1 Page - Multicomp Pro

Part # SCF009
Description  19 Inches Rack Accessories Strips, Nuts and Panel Fixing Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

SCF009 Datasheet(HTML) 1 Page - Multicomp Pro

  SCF009 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19 Inches Rack Accessories
Strips, Nuts and Panel Fixing Kits
Page <1>
14/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Feature:
• A range of caged nuts suitable for fixing front panels on sub-rack systems
instrument cases, etc. Available in two thread sizes, each of which is suitable for
two ranges of material thickness. The steel nut is held captive in a spring steel
cage. Nuts and cages are zinc-plated
Specification Table
Dimensions : Millimetres
Caged Nuts
Cage Type
Panel Range
(Material Thickness)
Nut Size
H
R
C
Part Number
M5 Narrow
0.71 to 1.63 (22 to 16 s.w.g)
11.1SQ × 4.8TH 9.53
0.81
5.8
SCF008
M6 Narrow
SCF010
M5 Wide
1.83 to 2.64 (15 to 12 s.w.g)
SCF009
M6 Wide
SCF011
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - SCF009

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SCF001-0603-R SOCAY-SCF001-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
SCF002-0603-R SOCAY-SCF002-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
SCF003-0603-R SOCAY-SCF003-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
SCF004-0603-R SOCAY-SCF004-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
SCF005-0603-R SOCAY-SCF005-0603-R Datasheet
1Mb / 4P
Surface Mount Resettable PTCs
More results

Similar Description - SCF009

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MM22MM24 VISHAY-MM22MM24 Datasheet
209Kb / 6P
Rack and Panel Connectors
22-Aug-00
logo
ITT Industries
DPA ITT-DPA Datasheet
127Kb / 4P
Miniature Rack and Panel
DPXNA ITT-DPXNA Datasheet
492Kb / 16P
Rack and Panel Connectors
TDPX ITT-TDPX Datasheet
353Kb / 9P
Rack and Panel Filter Connectors
logo
List of Unclassifed Man...
40VDCKIT ETC2-40VDCKIT Datasheet
79Kb / 1P
General Accessories DC Voltage Kits
logo
Vishay Siliconix
MM22 VISHAY-MM22_08 Datasheet
261Kb / 8P
Rack and Panel Connectors
15-Feb-07
A20 VISHAY-A20 Datasheet
106Kb / 3P
Rack and Panel Connectors
08-Feb-07
G16P-AB VISHAY-G16P-AB Datasheet
375Kb / 2P
Rack and Panel Connectors Side Mount
08-Feb-07
logo
ITT Industries
BKAD3-A653-30001 ITT-BKAD3-A653-30001 Datasheet
2Mb / 120P
Cannon Rack and Panel Connectors
logo
Pentair plc. All rights...
A20P16 PENTAIR-A20P16 Datasheet
1Mb / 16P
Panels and Panel Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com