Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFS5600AMBA0ES Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MFS5600AMBA0ES
Description  Automotive Dual Buck Regulator and Controller with Voltage Monitors and Watchdog Timer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFS5600AMBA0ES Datasheet(HTML) 4 Page - NXP Semiconductors

  MFS5600AMBA0ES Datasheet HTML 1Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 2Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 3Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 4Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 5Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 6Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 7Page - NXP Semiconductors MFS5600AMBA0ES Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NXP Communicator NXP Distribution Partners Internal Use Only
www.nxp.com
4
Part Attributes
Device options for Automotive
Part Number
Target Market
Safety Grade
OTP ID
MFS5600AMMA0ES
Automotive
QM
A0-Non-programmed
MFS5600AMBA0ES
Automotive
ASIL B
A0-Non-programmed
MFS5600AMEA0ES
Automotive
Enhanced ASIL B
A0-Non-programmed
MFS5600AMMA7ES
Automotive
QM
A7 – SW1 = 5.0V, SW2 = 3.3V
MFS5600A7ES-OTP-Report
MFS5600AMMA8ES
Automotive
QM
A8 – SW1 = 3.3V, SW2 = 5.0V
MFS5600A8ES-OTP-Report
Device options for Industrial
Part Number
Target Market
Safety Grade
OTP ID
MFS5600AVNA0EP
Industrial
QM
A0-Non-programmed
For complete specifications go the the datasheet and OTP ocnfiguration reports
SafeAssure Functional Safety Program
When it comes to functional safety, NXP stands for industry-leading
quality and reliability. Our SafeAssure program simplifies system-level
safety requirements in accordance with ISO 26262.
Read more



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com