Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2000
Description  PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57-0240-04 v2
DATA SHEET
KHA12
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
PLUG MOUNTED FLAT FOOD PROBE - Type ‘K’
Description
The probe is designed to monitor the temperature between cartons
Construction
Flattened Stainless Steel blade 5mm in diameter by 110mm long: Stainless Steel 316 (Food Grade)
Complete with moulded plug
Sensor Features
TOTAL ENCAPSULATION TECHNIQUE FOR MAXIMUM STRENGTH AND DURABILITY.
This probe is manufactured using a two stage moulding technique. Firstly the probes are encased in tough
nylon, then a thermoplastic over moulding is applied. This gives an extremely robust and durable construction
with the added benefit that the assembly is waterproof.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
WIDE AMBIENT TEMPERATURE SPECIFICATION
: -30 TO 50 °C
TIME RESPONSE
(96% of value on clean metal)
: 3.0 Secs
MEASUREMENT RANGE
: -100 TO 250 °C
Cross-reference for compatible instruments
Suitable instruments for use with this probe
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY
SOLO-K
COMPACT SINGLE INPUT
INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT


Similar Part No. - MM2000

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2000 TM-MM2000 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2000 ETC-MM2000 Datasheet
68Kb / 1P
PLUG MOUNTED NEEDLE PROBE TYPE ‘K’
More results

Similar Description - MM2000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TP200 EXTECH-TP200 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
TP400 EXTECH-TP400 Datasheet
149Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Pomona Electronics
72923 POMONA-72923 Datasheet
144Kb / 1P
SMD Test Probe W/ Sharp, Spring Mounted Tip, 2MM
logo
Winchester Electronics ...
SD1075-1 WINCHESTER-SD1075-1 Datasheet
50Kb / 1P
PLUG, K-LOC
SD1075-13-9 WINCHESTER-SD1075-13-9 Datasheet
76Kb / 1P
PLUG, K -LOC
logo
Extech Instruments Corp...
TP200 EXTECH-TP200_15 Datasheet
209Kb / 1P
Type K Pipe Clamp Temperature Probe
logo
Winchester Electronics ...
1075-2 WINCHESTER-1075-2 Datasheet
53Kb / 1P
PLUG, K-LOC
1075-13-9 WINCHESTER-1075-13-9 Datasheet
76Kb / 1P
PLUG, K -LOC
logo
Testo SE & Co. KGaA
TESTO104 TESTO-TESTO104 Datasheet
498Kb / 12P
Food thermometer
logo
Vaisala
HMP1 VAISALA-HMP1 Datasheet
394Kb / 2P
Wall-Mounted Humidity and Temperature Probe
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com