Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM2000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MM2000
Description  ‘K’ TYPE 1 METER CURLY CABLE MINI PLUG TO MINI PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MM2000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MM2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
57-0219-04 v2
DATA SHEET
KMPC1MP – ‘K’ TYPE 1 METER CURLY CABLE MINI PLUG TO MINI
PLUG
Connection cable - Type ‘K’
Description
A durable thermocouple connection cable which is manufactured from polyurethane cable and is
supplied with a moulded male plug on both ends
Construction
1m curly polyurethane cable with moulded mini plug connector at both ends. Complete
waterproof assembly.
Features
TOUGH POLYURETHANE CABLE
Polyurethane cables are used in place of the standard PVC for the following reasons :-
Greater retractability
Enhanced memory of it’s curl
Non–Toxic
Greater mechanical strength for durability
12 X 0.2mm wires used internally for greater strength.
PTFE inner insulation for strength and retractability.
HIGH ACCURACY THERMOCOUPLE MATERIAL THROUGHOUT
Type ‘K’ Thermocouple
: Class I
(±1.5°C ±0.25%)
Cross-reference for compatible instruments
Suitable instruments
TME PART No
DESCRIPTION
APPLICATION
MM2000
SINGLE INPUT INSTRUMENT
HIGH ACCURACY TEMPERATURE MEASUREMENT
MM2010
MAX / MIN HOLD INSTRUMENT
HIGH ACCURACY INSTRUMENT WITH MAX, MIN AND HOLD FEATURES
MM2020
DIFFERENTIAL INSTRUMENT
DUAL INPUT INSTRUMENT FOR DIFFERENTIAL MEASUREMENTS
MM2030
THERMOCOUPLE SIMULATOR
HIGH ACCURACY SIMULATOR WITH MEASUREMENT FACILITY
Recommended products
TME PART No
DESCRIPTION
APPLICATION
TCWALLPORT
THERMOCOUPLE SENSOR
MONITORING POINT
FOR DIFFICULT TO ACCESS TEMPERATURE TEST POINTS


Similar Part No. - MM2000

ManufacturerPart #DatasheetDescription
logo
TM Electronics Inc
MM2000 TM-MM2000 Datasheet
252Kb / 2P
SURFACE (BAND) PROBE TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (PTFE) THERMOCOUPLE SENSOR TYPE ‘K’
MM2000 TM-MM2000 Datasheet
123Kb / 1P
FINE WIRE (Fibre Glass) THERMOCOUPLE SENSOR TYPE ‘K’
logo
List of Unclassifed Man...
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED MOVING AIR PROBE TYPE ‘K’
MM2000 ETC-MM2000 Datasheet
69Kb / 1P
PLUG MOUNTED FLAT FOOD PROBE TYPE ‘K’
More results

Similar Description - MM2000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0687850004 MOLEX8-0687850004 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort
0687850006 MOLEX8-0687850006 Datasheet
189Kb / 3P
Mini DisplayPort(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 2.0m (6.56), Leadfree
0687850005 MOLEX8-0687850005 Datasheet
189Kb / 3P
Mini DisplayPort*(Plug)-to-Mini DisplayPort*(Plug) Cable Assembly, 1.5m (4.92), Leadfree
logo
Pasternack Enterprises,...
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE34683LF PASTERNACK-PE34683LF Datasheet
162Kb / 1P
CABLE ASSEMBLY, RG179B/U, MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE34705LF PASTERNACK-PE34705LF Datasheet
283Kb / 1P
CABLE ASSEMBLY, RG187A/U, MINI 75 OHM SMC PLUG TO MINI 75 OHM BNC PLUG
logo
Molex Electronics Ltd.
0687850005 MOLEX1-0687850005_18 Datasheet
34Kb / 1P
Mini DisplayPort (Plug)-to-Mini DisplayPort (Plug) Cable Assembly, 1.50m, Lead-Free
1110145000 MOLEX-1110145000 Datasheet
253Kb / 2P
USB CABLE ASSEMBLY MINI-B PLUG STRAIGHT TO MINI-B PLUG STRAIGHT
2022/05/25
1110195000 MOLEX-1110195000 Datasheet
135Kb / 1P
LVDS CABLE ASSY, 4-WIRE MINI-B PLUG STRT TO MINI-B PLUG STRT
2007/09/12
1110415000 MOLEX-1110415000 Datasheet
544Kb / 2P
LVDS CABLE ASSY, 2-WIRE MINI-B PLUG TO PLUG POL A-K
2020/02/28
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com