Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KT-3535SE9ZS-RV Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KT-3535SE9ZS-RV
Description  3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KT-3535SE9ZS-RV Datasheet(HTML) 1 Page - Kingbright Corporation

  KT-3535SE9ZS-RV Datasheet HTML 1Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 2Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 3Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 4Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 5Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 6Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 7Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 8Page - Kingbright Corporation KT-3535SE9ZS-RV Datasheet HTML 9Page - Kingbright Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPEC NO: DSAI6708
REV NO: V.3
DATE: DEC/24/2008
PAGE: 1 OF 12
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.Su
ERP: 1212000014
3.5X3.5mm SMD LED WITH CERAMIC
SUBSTRATE
Electrical / Optical Characteristics at TA = 25°C
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Parameter
Symbol
Value
Unit
DC Forward Current [1]
IF
350
mA
Peak Forward Current [2]
IFM
500
mA
Power dissipation
Pt
1.05
W
Operating Temperature
Top
-40 To +100
°C
Storage Temperature
Tstg
-40 To +120
°C
Junction temperature[1]
TJ
120
°C
Thermal resistance [1] (Junction/ambient)
Rth j-a
95
°C/W
Thermal resistance [1] (Junction/solder point)
Rth j-s
30
°C/W
Notes:
1. Results from mounting on metal core PCB, mounted on pc board-metal core PCB is recommend
for lowest thermal resistance.
2. 1/10 Duty Cycle, 0.1ms Pulse Width.
Absolute Maximum Ratings at TA = 25°C
Parameter
Symbol
Value
Unit
Forward Voltage IF = 350mA [Min.]
VF [2]
2.0
V
Forward Voltage IF = 350mA [Typ.]
2.5
Forward Voltage IF = 350mA [Max.]
3.0
Wavelength at peak emission IF = 350mA
[Typ.]
λpeak
628
nm
Dominant Wavelength IF = 350mA
[Typ.]
λ dom [1]
623
nm
Temperature coefficient of
λpeak
IF = 350mA, - 10
°C ≤ T ≤ 100°C [Typ.]
TCλpeak
0.1
nm/°C
Temperature coefficient of
λdom
IF = 350mA, - 10
°C ≤ T ≤ 100°C [Typ.]
TCλdom
0.08
nm/°C
Temperature coefficient of VF
IF = 350mA, - 10
°C ≤ T≤ 100°C [Typ.]
TCV
-3.0
mV/°C
Luminous Flux IF = 350mA [Typ.]
Φv
16
lm
Spectral bandwidth at 50%
ΦREL MAX IF = 350mA [Typ.]
Δλ
22
nm
Notes:
1.Wavelength : + / -1nm.
2. Forward Voltage : + / - 0.1V.
Part Number: KT-3535SE9ZS-RV
Reddish-Orange
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou=SPEC
專用, email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.12.24 14:59:23
+08'00'


Similar Part No. - KT-3535SE9ZS-RV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KT-3535SY9ZS KINGBRIGHT-KT-3535SY9ZS Datasheet
416Kb / 12P
3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE
JAN/04/2009 V.3
KT-3535SY9ZS-RV KINGBRIGHT-KT-3535SY9ZS-RV Datasheet
416Kb / 12P
3.5X3.5mm SMD LED WITH CERAMIC SUBSTRATE
JAN/04/2009 V.3
More results

Similar Description - KT-3535SE9ZS-RV

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AT3228SY9ZS-RV KINGBRIGHT-AT3228SY9ZS-RV Datasheet
403Kb / 10P
3.2X2.8mm SMD LED WITH CERAMIC SUBSTRATE
AT5050QB10ZS-RV KINGBRIGHT-AT5050QB10ZS-RV Datasheet
417Kb / 10P
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
AT5050SE9ZS-RV KINGBRIGHT-AT5050SE9ZS-RV Datasheet
413Kb / 10P
5.0X5.0mm SMD LED WITH CERAMIC SUBSTRATE
logo
List of Unclassifed Man...
LH01APTAI003 ETC-LH01APTAI003 Datasheet
264Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI001 ETC-LHA01APTAI001 Datasheet
218Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004 ETC-LHA01APTAI004 Datasheet
283Kb / 6P
LED Heat Dissipation Substrate
LHA01APTAI004G ETC-LHA01APTAI004G Datasheet
261Kb / 6P
LED Heat Dissipation Substrate
logo
Kingbright Corporation
AA3535SYL1Z1S-AMT KINGBRIGHT-AA3535SYL1Z1S-AMT Datasheet
360Kb / 7P
3.5x3.5mm SMD CHIP LED LAMP
logo
Anaren Microwave
E125N50X4 ANAREN-E125N50X4 Datasheet
216Kb / 2P
AlN Ceramic Substrate
logo
SunLED Corporation
XZM2CYKCRKDG92W-3 SUNLED-XZM2CYKCRKDG92W-3 Datasheet
331Kb / 4P
3.5X3.5mm SURFACE MOUNT SMD CHIP LED
Mar 17,2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com