Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK820 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STK820
Description  N-channel 25 V - 0.0058 廓 - 21 A - PolarPAK짰 STripFET??Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK820 Datasheet(HTML) 1 Page - STMicroelectronics

  STK820 Datasheet HTML 1Page - STMicroelectronics STK820 Datasheet HTML 2Page - STMicroelectronics STK820 Datasheet HTML 3Page - STMicroelectronics STK820 Datasheet HTML 4Page - STMicroelectronics STK820 Datasheet HTML 5Page - STMicroelectronics STK820 Datasheet HTML 6Page - STMicroelectronics STK820 Datasheet HTML 7Page - STMicroelectronics STK820 Datasheet HTML 8Page - STMicroelectronics STK820 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
December 2007
Rev 4
1/14
14
STK820
N-channel 25 V - 0.0058
Ω - 21 A - PolarPAK®
STripFET™ Power MOSFET
Features
■ Ultra low top and bottom junction to case
thermal resistance
■ Very low capacitances
■ 100% RG tested
■ Fully encapsulated die
■ 100% matte tin finish (in compliance with the
2002/95/EC european directive)
■ PolarPAK® is a trademark of VISHAY
Application
■ Switching applications
Description
This Power MOSFET is the latest development of
STMicroelectronics unique “single feature size”
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, moreover the double sides cooling
package with ultra low junction to case thermal
resistance allows to handle higher levels of
current.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
RDS(on)*Qg
PTOT
STK820
25 V
<0.0073
Ω
63 nC*m
Ω
5.2 W
PolarPAK®
Bottom view
Top view
Table 1.
Device summary
Order code
Marking
Package
Packaging
STK820
K820
PolarPAK®
Tape & reel
www.st.com


Similar Part No. - STK820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK820 STMICROELECTRONICS-STK820 Datasheet
468Kb / 15P
N-channel 25 V - 0.0058 Ω - 21 A - PolarPAK® STripFET™Power MOSFET
14-Feb-2008
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
N-channel 25 V - 0.0058 Ω - 21 A - PolarPAK® STripFET™Power MOSFET
14-Feb-2008
More results

Similar Description - STK820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK20N3LLH5 STMICROELECTRONICS-STK20N3LLH5 Datasheet
334Kb / 13P
N-channel 30 V, 0.006 Ω, 20 A, PolarPAK® STripFET?줧 Power MOSFET
03-Sep-2008
STK24N4LLH5 STMICROELECTRONICS-STK24N4LLH5 Datasheet
335Kb / 13P
N-channel 40 V, 0.0046 Ω, 24 A, PolarPAK® STripFET?줧 Power MOSFET
03-Sep-2008
STK28N3LLH5 STMICROELECTRONICS-STK28N3LLH5 Datasheet
336Kb / 13P
N-channel 30 V, 0.0035 Ω, 28 A, PolarPAK® STripFET?줧 Power MOSFET
03-Sep-2008
STK30N2LLH5 STMICROELECTRONICS-STK30N2LLH5 Datasheet
334Kb / 13P
N-channel 25 V, 0.0024 Ω, 30 A, PolarPAK® STripFET?줧 Power MOSFET
07-Jul-2008
STK32N4LLH5 STMICROELECTRONICS-STK32N4LLH5 Datasheet
321Kb / 13P
N-channel 40 V, 0.0017 Ω, 32 A, PolarPAK® STripFET??V Power MOSFET
03-Sep-2008
STK38N3LLH5 STMICROELECTRONICS-STK38N3LLH5 Datasheet
323Kb / 13P
N-channel 30 V, 0.0014Ω, 38 A, PolarPAK® STripFET?줧 Power MOSFET
03-Sep-2008
STK40N2LLH5 STMICROELECTRONICS-STK40N2LLH5 Datasheet
320Kb / 13P
N-channel 25 V, 0.0014 Ω, 40 A, PolarPAK® STripFET??V Power MOSFET
07-Jul-2008
STK800 STMICROELECTRONICS-STK800_07 Datasheet
501Kb / 16P
N-channel 30V - 0.006Ω - 20A - PolarPAK® STripFET??Power MOSFET
05-Oct-2007
STK820 STMICROELECTRONICS-STK820_08 Datasheet
468Kb / 15P
N-channel 25 V - 0.0058 Ω - 21 A - PolarPAK® STripFET™Power MOSFET
14-Feb-2008
STK822 STMICROELECTRONICS-STK822 Datasheet
462Kb / 15P
N-channel 25 V - 0.00175 Ω - 38 A - PolarPAK® STripFET™Power MOSFET
14-Feb-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com