Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE1601TBR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STMPE1601TBR
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601TBR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STMPE1601TBR Datasheet HTML 16Page - STMicroelectronics STMPE1601TBR Datasheet HTML 17Page - STMicroelectronics STMPE1601TBR Datasheet HTML 18Page - STMicroelectronics STMPE1601TBR Datasheet HTML 19Page - STMicroelectronics STMPE1601TBR Datasheet HTML 20Page - STMicroelectronics STMPE1601TBR Datasheet HTML 21Page - STMicroelectronics STMPE1601TBR Datasheet HTML 22Page - STMicroelectronics STMPE1601TBR Datasheet HTML 23Page - STMicroelectronics STMPE1601TBR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
System controller
STMPE1601
20/58
7.2
Autosleep
The host system may configure the STMPE1601 to go into sleep mode automatically
whenever there is a period of inactivity following a complete I2C transaction with the
STMPE1601. This inactivity means there is no intended I2C transaction for the device. For
example, if there is Ian 2C transaction sent by the host to other slave devices, the
STMPE1601 device will still be counting down for the auto-sleep. The STMPE1601 device
resets the autosleep time-out counter only when it receives an I2C transaction meant for the
device itself. This autosleep feature is controlled by the SYS_CTRL_2 (system control
register 2).
All those events that trigger an interrupt (KPC, hot-key) would result in a transition from
Sleep state to Operational state automatically. The wakeup can also be performed through
the I2C transaction intended for the device.
7.3
Keypress detect in the hibernate mode
When in Hibernate mode, a keypress detect causes the system to go into sleep mode. The
sleep clock (32 kHz) is then used to debounce the key to detect a valid key. If the keypress is
detected to be valid, the system stays in sleep mode. If the key is detected to be invalid, the
system goes back into Hibernate mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com