Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS3150 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS3150
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS3150 Datasheet(HTML) 5 Page - STMicroelectronics

  STPS3150_07 Datasheet HTML 1Page - STMicroelectronics STPS3150_07 Datasheet HTML 2Page - STMicroelectronics STPS3150_07 Datasheet HTML 3Page - STMicroelectronics STPS3150_07 Datasheet HTML 4Page - STMicroelectronics STPS3150_07 Datasheet HTML 5Page - STMicroelectronics STPS3150_07 Datasheet HTML 6Page - STMicroelectronics STPS3150_07 Datasheet HTML 7Page - STMicroelectronics STPS3150_07 Datasheet HTML 8Page - STMicroelectronics STPS3150_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPS3150
Characteristics
5/10
Figure 15.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, eCU = 35 µm) (SMB)
Figure 16.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, eCU = 35 µm)
(DO-201AD)
Figure 17.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
board FR4, eCU = 35 µm) (SMB flat)
R
(°C/W)
th(j-a)
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S (cm²)
Cu
SMB
R (°C/W)
th
0
10
20
30
40
50
60
70
80
90
5
1015
2025
Rth(j-I)
Rth(j-a)
L
(mm)
leads
DO-201AD
0
10
20
30
40
50
60
70
80
90
100
110
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S
(cm²)
CU
SMB flat
R
(°C/W)
th(j-a)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com