Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOR01S Datasheet(PDF) 1 Page - Multicomp Pro

Part # MOR01S
Description  Metal Oxide Film Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MOR01S Datasheet(HTML) 1 Page - Multicomp Pro

  MOR01S Datasheet HTML 1Page - Multicomp Pro MOR01S Datasheet HTML 2Page - Multicomp Pro MOR01S Datasheet HTML 3Page - Multicomp Pro MOR01S Datasheet HTML 4Page - Multicomp Pro MOR01S Datasheet HTML 5Page - Multicomp Pro MOR01S Datasheet HTML 6Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page <1>
V1.2
11/08/20
Metal Oxide Film Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Excellent flame retardant coating
• High stability in harsh environment
• High purity ceramic core
• Meet EIA-RC2655A requirements
• High safety standard
Specifications
Temperature coefficient
: ±350PPM/°C
Short-time overload
: Normal size : ∆R/R ≤ ±(1.0% +0.05Ω), with no evidence of mechanical damage
Small size : ∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage
Dielectric withstanding voltage
: No evidence of flashover, mechanical damage, arcing or insulation breakdown
Pulse overload
: Normal size : ∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage
Terminal strength
: No evidence of mechanical damage
Resistance to soldering heat
: ∆R/R ≤ ±(1.0% +0.05Ω), with no evidence of mechanical damage
Minimum solderability
: 95% coverage
Resistance to solvent
: No deterioration of protective coating and markings
Temperature cycling
: ∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage
Humidity (steady state)
: ∆R/R ≤ ±(2.0% +0.05Ω), with no evidence of mechanical damage
Load life in humidity
: ∆R/R ≤ ±5% for 100KΩ; 10% for ≥ ±100kΩ
Load life
: ∆R/R ≤ ±5% for 100KΩ; 10% for ≥ ±100kΩ
Non-Flame
: No evidence of flaming or arcing
Dimensions : Millimetres
Type
Style
Power
Rating
at 70°C
(W)
Dimension
Max.
Working
Voltage
(V)
Max.
Overload
Voltage
(V)
Dielectric
Withstanding
Voltage (V)
D
Max.
L
Max. H ±3 d ±0.05
MOR0S2
MOR-50-S
0.5
2.5
7.5
28
0.54
250
400
250
MOR01S MOR-100-S
1
3.5
10
28
0.54
350
600
350
MOR03S MOR-300-S
3
5.5
16
28
0.7
MOR07W
MOR-700
7
8.5
32
38
0.75
750
1,000
750
Power Rating


Similar Part No. - MOR01S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOR01S ETC2-MOR01S Datasheet
74Kb / 9P
Metal Oxide Film Resistors
MOR01SJ0100A10 ETC2-MOR01SJ0100A10 Datasheet
74Kb / 9P
Metal Oxide Film Resistors
MOR01SJ0101A10 ETC2-MOR01SJ0101A10 Datasheet
74Kb / 9P
Metal Oxide Film Resistors
MOR01SJ0102A10 ETC2-MOR01SJ0102A10 Datasheet
74Kb / 9P
Metal Oxide Film Resistors
MOR01SJ0103A10 ETC2-MOR01SJ0103A10 Datasheet
74Kb / 9P
Metal Oxide Film Resistors
More results

Similar Description - MOR01S

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MOF WILLOW-MOF Datasheet
87Kb / 2P
METAL OXIDE FILM RESISTORS
logo
Panasonic Semiconductor
ERG-1SJ683A PANASONIC-ERG-1SJ683A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-2SJ100A PANASONIC-ERG-2SJ100A Datasheet
169Kb / 7P
Metal Oxide Film Resistors
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ101E PANASONIC-ERG-1SJ101E Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-2SJ123 PANASONIC-ERG-2SJ123 Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ153A PANASONIC-ERG-1SJ153A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
Metal (Oxide) Film Resistors
ERG-1SJ221A PANASONIC-ERG-1SJ221A Datasheet
153Kb / 7P
Metal (Oxide) Film Resistors
logo
MERITEK ELECTRONICS COR...
MO MERITEK-MO Datasheet
172Kb / 3P
Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com