Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74701Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP74701Q
Description  LOW IQ REVERSE-BATTERY PROTECTION IDEAL DIODE CONTROLLER WITH BUILT-IN VDS CLAMP
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74701Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AP74701Q Datasheet HTML 1Page - Diodes Incorporated AP74701Q Datasheet HTML 2Page - Diodes Incorporated AP74701Q Datasheet HTML 3Page - Diodes Incorporated AP74701Q Datasheet HTML 4Page - Diodes Incorporated AP74701Q Datasheet HTML 5Page - Diodes Incorporated AP74701Q Datasheet HTML 6Page - Diodes Incorporated AP74701Q Datasheet HTML 7Page - Diodes Incorporated AP74701Q Datasheet HTML 8Page - Diodes Incorporated AP74701Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AP74701Q
Document number: DS46952 Rev. 2 - 2
2 of 22
www.diodes.com
February 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74701Q
Typical Applications Circuit
AP74701Q
ANODE
GATE
CATHODE
VCP
EN
GND
OFF
ON
Voltage Regulator
(DC/DC, LDO)
Car Batt.
or
DC Rail
SW
R1
R2
VBAT_MON
Pin Descriptions
Pin Name
Pin Number
Function
GATE
1
Gate driver out pin. Connects to gate of external nMOSFET
ANODE
2
Input supply and ANODE of Ideal diode. Connects to the source of external nMOSFET
VCP
3
Charge pump voltage output pin. Connect to external capacitor.
SW
4
Voltage sensing switch terminal. Internal switch is ON connecting ANODE to SW when EN is high. A resistor
divider from this pin to GND can be used to for adjustment for ADC full-scale range. When EN is low, the
switch is OFF disconnecting the resistor divider from the battery line thereby eliminating the leakage current.
GND
5
Ground pin
EN
6
Enable pin. Active high
NC
7
No Connect. Leave this pin float
CATHODE
8
CATHODE pin. Connects to the drain of external nMOSFET
Functional Block Diagram
ANODE
GATE
EN
CATHODE
Gate
Driver
Gate Driver and
Reverse Current
Control Logic
UVLO,
Internal Rails
EN
VCP
Charge Pump
SW
VA
EN
VDS
Clamp
VA
VC
GND
AP74701Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com