Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW4810CHDTLF Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW4810CHDTLF
Description  Power management for multimedia processors
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4810CHDTLF Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW4810CHDTLF Datasheet HTML 21Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 22Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 23Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 24Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 25Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 26Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 27Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 28Page - STMicroelectronics STW4810CHDTLF Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
STw4810
Functional description
25/78
USB interrupt source register
USB latch register
USB interrupt latch register bits indicate which sources have generate an interrupt.
Table 13.
USB Interrupt source register (address = 08h)
Register
76543
210
Bit name
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_
vld
vbus_
vld
Type
RRRRRR
RR
Bits
Name
Value
Settings
Default
7cr_int
0
1
Inactive
DP ball is above the carkit interrupt threshold
0
6
bdis_acon
0
1
Inactive
Set when bdis_acon_en is set, and transceiver
asserts dp_pullup after detecting B-device
disconnect.
0
5
id_float
0
1
Inactive
ID ball floating
0
4
dn_hi
0
1
Inactive
DN ball is high
0
3
id_gnd_forced
0
1
Inactive
ID ball grounded
0
2
dp_hi
0
1
Inactive
DP asserted during SRP,
0
1
sess_vld
0
1
Session valid comparator threshold <0.8V or >4.4V
0.8V < Session valid comparator threshold < 4.4V
0
0
vbus_vld
0
1
A-device VBUS valid comparator threshold <4.4V
A-device VBUS valid comparator threshold >4.4V
0
Table 14.
USB interrupt latch registers (address = 0Ah set and 0Bh clearh)
Register
76543
210
Bit name
cr_int
bdis_
acon
id_float
dn_hi
id_gnd_
forced
dp_hi
sess_
vld
vbus_
vld
Default
00000
000
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com