Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB3031 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3USB3031
Description  2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3USB3031 Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3USB3031 Datasheet HTML 1Page - Diodes Incorporated PI3USB3031 Datasheet HTML 2Page - Diodes Incorporated PI3USB3031 Datasheet HTML 3Page - Diodes Incorporated PI3USB3031 Datasheet HTML 4Page - Diodes Incorporated PI3USB3031 Datasheet HTML 5Page - Diodes Incorporated PI3USB3031 Datasheet HTML 6Page - Diodes Incorporated PI3USB3031 Datasheet HTML 7Page - Diodes Incorporated PI3USB3031 Datasheet HTML 8Page - Diodes Incorporated PI3USB3031 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
PI3USB3031
Document Number DS45428 Rev 3-2
www.diodes.com
MHL+
USB1+
USB2+
MHL-
USB1-
USB2-
SEL0
SEL1
D+
D-
Control Logic
PI3USB3031
2-Channel, 1:3, USB 2.0 and MHL MUX/DeMUX
A Product Line of
Diodes Incorporated
b
P
Lead-free Green
Block Diagram
Features
y
Wide VCC Range: 1.8V to 5.5V
y
Mobile High-Definition Link (MHL) or Mobility Display Port
(MyDP) Switch:
à
Bandwidth (-3dB): 6.5GHz
à
RON (Typical): 5.5Ω
à
CON (Typical): 1.3pF
y
USB Switches (2 Sets):
à
Bandwidth (-3dB): 6.5GHz
à
RON (Typical): 4.5Ω
à
CON (Typical): 1pF
y
Current Consumption: 28 µA (Typical)
y
IOFF Protection Prevents Current Leakage in Powered-Down
State (VCC = 0V)
y
1.8V Compatible Control Inputs (SEL)
y
Overvoltage Tolerance (OVT) on All I/O Pins Up to 5V Without
External Components
y
ESD Protection : 2kV(HBM), 1kV(CDM)
y
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
y
Halogen and Antimony Free. “Green” Device (Note 3)
y
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/104/200, PPAP capable,
and manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
y
Packaging (Pb-free & Green):
à
12-Pin, 1.8mm x 1.8mm, 0.4mm pitch (WQFN)
à
12-Pin, 1.6mm x 1.6mm, 0.4mm pitch (X2-QFN)
Description
The DIODES PI3USB3031 device is a 2-channel, 1:3 multiplexer
that includes a high-speed Mobile High Definition Link (MHL),
Mobility Display Port (MyDP) switch, and USB 2.0 High-Speed
(480 Mbps) switches in the same package. These configurations al-
low the system designer to save board space and eliminate multiple
connectors buy using a common USB or Mico-USB connector for
MHL/MyDP signals and two sets of USB data. The MHL/MyDP
path supports the latest MHL Rev. 3.0 specification.
The PI3USB3031 has a VCC range of 1.8V to 5.5V and supports
overvoltage tolerance (OVT) feature, which allows the I/O pins to
withstand overvoltage conditions (up to 5.5 V). The power-off pro-
tection feature forces all I/O pins to be in high impedance mode
when power is not present, allowing full isolation of the signals
lines under such condition without excessive leakage current. The
select pins of PI3USB3031 are compatible with 1.8V control voltage,
allowing them to be directly interfaced with the General Purpose
I/O (GPIO) from a mobile processor with out needing additional
voltage level shifting circuitry.
The PI3USB3031 comes with a small 12-pin VQFN package with
only 1.8mm x 1.8mm and QFN package with only 1.6mm x 1.6mm
in size, which makes it a perfect candidate to be used in mobile
applications.
Application(s)
y
PC Motherboards
y
Notebooks
y
Servers
y
Smartphones
y
Portable Instrumentation
y
Digital Cameras USB 2.0 MHL
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm
antimony compounds.


Similar Part No. - PI3USB3031

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3031 DIODES-PI3USB3031 Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031XUAEX DIODES-PI3USB3031XUAEX Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031ZNEX DIODES-PI3USB3031ZNEX Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
PI3USB3031 DIODES-PI3USB3031_V01 Datasheet
473Kb / 2P
6.5GHz Double-Pole-Triple-Throw Mux/DeMux with OVT for USB 2.0 and MHL Switching in Portable Applications
May 2025
More results

Similar Description - PI3USB3031

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
PI3USB10M PERICOM-PI3USB10M Datasheet
513Kb / 6P
4.2V, Wide Bandwidth, 2-Channel 2:1 Mux/DeMux USB 2.0 Switch w/ Single Select
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Texas Instruments
HD3SS6126 TI1-HD3SS6126 Datasheet
815Kb / 16P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
HD3SS6126 TI1-HD3SS6126_14 Datasheet
817Kb / 17P
USB 3.0 and USB 2.0 Differential Switch 2:1/1:2 MUX/DEMUX
logo
Analog Devices
ADG787 AD-ADG787_15 Datasheet
421Kb / 16P
Dual 2:1 Mux/Demux USB 1.1 Switch
REV. A
logo
Texas Instruments
TS5USBC400 TI1-TS5USBC400 Datasheet
1Mb / 29P
Dual 2:1 USB 2.0 Mux/DeMux with 16-V Overvoltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com