Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM647 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320DM647 Datasheet HTML 1Page - Texas Instruments TMS320DM647 Datasheet HTML 2Page - Texas Instruments TMS320DM647 Datasheet HTML 3Page - Texas Instruments TMS320DM647 Datasheet HTML 4Page - Texas Instruments TMS320DM647 Datasheet HTML 5Page - Texas Instruments TMS320DM647 Datasheet HTML 6Page - Texas Instruments TMS320DM647 Datasheet HTML 7Page - Texas Instruments TMS320DM647 Datasheet HTML 8Page - Texas Instruments TMS320DM647 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 167 page
background image
www.ti.com
Contents
TMS320DM647/TMS320DM648
Digital Media Processor
SPRS372A – MAY 2007 – REVISED JUNE 2007
1
TMS320DM647/TMS320DM648 Digital Media
6
Peripheral Information and Electrical
Processor
.................................................. 1
Specifications
........................................... 55
1.1
Features
.............................................. 1
6.1
Parameter Information
.............................. 55
6.2
Recommended Clock and Control Signal Transition
1.1.1
Trademarks
.......................................... 2
Behavior
............................................. 57
1.2
Description
............................................ 2
6.3
Power Supplies
...................................... 57
1.3
Functional Block Diagram
............................ 4
6.4
PLL1 and PLL1 Controller
........................... 62
2
Device Overview
......................................... 6
6.5
PLL2 and PLL2 Controller
........................... 65
2.1
Device Characteristics
................................ 6
6.6
Enhanced Direct Memory Access (EDMA3)
2.2
CPU (DSP Core) Description
......................... 7
Controller
............................................ 68
2.3
C64x+ CPU
.......................................... 10
6.7
Reset Controller
..................................... 81
2.4
Memory Map Summary
............................. 12
6.8
Interrupts
............................................ 88
2.5
Pin Assignments
.................................... 15
6.9
DDR2 Memory Controller
........................... 92
2.6
Terminal Functions
.................................. 19
6.10
External Memory Interface A (EMIFA)
.............. 94
2.7
Device Support
...................................... 33
6.11
Video Port
.......................................... 102
2.8
Device and Development-Support Tool
6.12
VCXO Interpolated Control (VIC)
.................. 110
Nomenclature
....................................... 34
6.13
Universal Asynchronous Receiver/Transmitter
2.9
Documentation Support
............................. 35
(UART)
............................................. 112
3
Device Configuration
.................................. 37
6.14
Inter-Integrated Circuit (I2C)
....................... 114
3.1
System Module Registers
........................... 37
6.15
Host-Port Interface (HPI) Peripheral
............... 118
3.2
Bootmode Registers
................................ 37
6.16
Peripheral Component Interconnect (PCI)
......... 129
3.3
Debugging Considerations
.......................... 46
6.17
Multichannel Audio Serial Port (McASP)
3.4
Pullup/Pulldown Resistors
........................... 46
Peripheral
.......................................... 134
4
System Interconnect
................................... 48
6.18
3-Port Ethernet Switch Subsystem (3PSW)
....... 142
4.1
Internal Buses, Bridges, and Switch Fabrics
........ 48
6.19
Management Data Input/Output (MDIO)
........... 151
4.2
Data Switch Fabric Connections
.................... 48
6.20
Timers
.............................................. 153
4.3
Configuration Switch Fabric
......................... 50
6.21
VLYNQ Peripheral
................................. 155
5
Device Operating Conditions
........................ 52
6.22
General-Purpose Input/Output (GPIO)
............. 158
5.1
Absolute Maximum Ratings Over Operating
6.23
IEEE 1149.1 JTAG
................................. 161
Temperature Range (Unless Otherwise Noted)
..... 52
7
Mechanical Data
....................................... 163
5.2
Recommended Operating Conditions
............... 53
7.1
Thermal Data for ZUT
.............................. 163
5.3
Electrical Characteristics Over Recommended
7.1.1
Packaging Information
............................. 163
Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted)
............ 54
Revision History
............................................ 164
Submit Documentation Feedback
Contents
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com