Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA5705 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TEA5705
Description  ADVANCED 4-HEAD PLAY-BACK AND RECORD AMPLIFIER FOR VCR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA5705 Datasheet(HTML) 4 Page - STMicroelectronics

  TEA5705 Datasheet HTML 1Page - STMicroelectronics TEA5705 Datasheet HTML 2Page - STMicroelectronics TEA5705 Datasheet HTML 3Page - STMicroelectronics TEA5705 Datasheet HTML 4Page - STMicroelectronics TEA5705 Datasheet HTML 5Page - STMicroelectronics TEA5705 Datasheet HTML 6Page - STMicroelectronics TEA5705 Datasheet HTML 7Page - STMicroelectronics TEA5705 Datasheet HTML 8Page - STMicroelectronics TEA5705 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL OPERATING CHARACTERISTICS (Tamb =25
oC unless otherwise specified) (continued)
Play-back Mode
VCC = 5V, no load on Pins CHROMA,LUMA-
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
CHROMA OUTPUT (no AGC) (continued)
CRT
Crosstalk
Sine wave 3.8MHz
400
µVPP on input, All the other inputs
loaded with Rg =15
Ω
-45
-40
dB
RPB
Playback Switch-on Resistance
∆I = 10mA
2.0
5.0
Ω
FLCPB1
FHCPB1
Bandwidth Cut-off Frequency
-3dB attenuation 50
Ω in parallel on the
input, 0dB at 600kHz
Low
High
8
13.5
0.1
MHz
MHz
CIN
Input Capacitance Pins H1-SP,
H2-SP, H1-LP, H2-LP
At 5MHz
30
40
pF
RIN
Pre-amplifier Input Resistance Pins
H1-SP, H2-SP, H1-LP, H2-LP
At 3.8MHz
400
600
900
Ω
ZCPB
Output ImpedancePin CHROMA
DC
24
50
Ω
VDCPB1
DC Level at Play-back Output
on Pin CHROMA
1.5
1.9
2.3
V
∆VDCSP
∆VDCLP
Head Switch Offset Pin CHROMA
-100
-100
0
0
100
100
mV
mV
SHPB1
Second Harmonic Play-back
Output Pin CHROMA
Sinus wave 3.8MHz
400
µVPP on input
-45
-40
dB
LUMA- OUTPUT (with AGC)
ZLPB
Output Impedance
DC
30
50
Ω
VDCPB2
DC Level
1.1
1.5
2.1
V
FLCPB2
FHCPB2
Bandwidth Cut-off Frequency
-3dB attenuation 50
Ω in parallel on the
input, AGC locked, 0dB at 3.8MHz
Low
High
10
12.5
0.1
MHz
MHz
VLPB
Output Amplitude
Input signal 200
µVPP at 3.8MHz on Pins
H1-SP, H2-SP, H1-LP, H2-LP
140
200
270
mVPP
∆VLPB
AGC Control Sensitivity
Input signal 200
µVPP at +6dB or -5dB
on Pins H1-SP, H2-SP, H1-LP, H2-LP
-2
+1
dB
SHPB2
Second Harmonic Play-back Output
Input Signal 3.8MHz 400
µVPP on Pins
H1-SP, H2-SP, H1-LP, H2-LP
-44
-40
dB
CAGC
I+
Positive Output Current
Input Signal 3.8MHz 200
µVPP on H1-SP
15
30
50
µA
I-
Negative Output Current
Input Signal 3.8MHz 200
µVPP on H1-SP
-50
-30
-15
µA
TRIV
ITRIV
Downloading Current
200
300
400
µA
VTRIV1
Output Level (1)
With no signal, VTRIVADJ = 2.5V
Mode LP (SW-M = high)
0.3
0.6
1
V
VTRIV2
Output Level (2)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 2.5V, Mode LP (SW-M = high)
1.91 2.31
2.71
V
VTRIV3
Output Level (3)
VCHROMA = 400mVPP at 4MHz
VTRIVADJ = 2.5V, Mode LP (SW-M = high)
3.525 3.725 3.925
V
VTRIV4
Output Level (4)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 1V, Mode LP (SW-M = high)
1.11
1.61
2.11
V
VTRIV5
Output Level (5)
VCHROMA = 100mVPP at 4MHz
VTRIVADJ = 4V, Mode LP (SW-M = high)
2.875 3.075 3.275
V
VTRIV6
Output Level (6)
VCHROMA = 400mVPP at 4MHz
VTRIVADJ = 2.5V, Mode SP (SW-M = low)
3.215 3.415 3.615
V
TEA5705
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com