Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9292012T54SSSWYS Datasheet(PDF) 1 Page - Elma Electronic Ltd

Part # 9292012T54SSSWYS
Description  XMC Disk
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

9292012T54SSSWYS Datasheet(HTML) 1 Page - Elma Electronic Ltd

  9292012T54SSSWYS Datasheet HTML 1Page - Elma Electronic Ltd 9292012T54SSSWYS Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elma Electronic Inc. • 510.656.3400 • sales@elma.com • www.elma.com
ELMA
Embedded
Computing
XMC Disk
High capacity mezzanine storage
Features
• Choose the latest in solid state drive technology; SLC, MLC or eMLC
• Standard, enhanced or extended duty drive options
• Supports currently available 2.5” drive capacities
• Data rates up to 134MB/sec write and 141MB/sec read
• Silicon Image 3132 PCIe to SATA II controller
• The 9292 can be used as a boot device
• Driver support for VxWorks 5 and 6.6 and above (Freescale), version 6.6
and above (Intel), Linux and Windows operating systems
• Available in extended temperature, shock and vibration version
Description
The 9292 XMCDisk is an XMC mezzanine storage solution designed for high
capacity and high speed data access as well as system boot operations. It supports
2.5” SATA drives and leverages the latest available solid state and rotating drive
technology. For applications requiring the rugged and durable capabilities of solid
state drives, the 9292 supports SLC, MLC or eMLC drive types.
The board contains a Silicon Image 3132 SATA II controller with a 2.5 Gb/
sec PCIe Gen 1 interface that can provide high data transfer rates. The 9292
is built to withstand harsh environments requiring high shock, vibration and
extended temperature tolerance.
Benefits
• High data rates for current application needs
• Gain the highest available storage capacity without consuming a card slot
• Easy capacity and technology upgrades as your storage needs change
• Robust design for harsh environments
• Elma’s device driver support eases your integration concerns
• High capacity storage requirements for a wide range of defense applications
including ground, shipboard and airborne systems
o Signal intelligence data storage
o Engine control systems data
o Mission data storage
• Rugged industrial and defense storage supporting systems requiring
resistance to high temperature and high shock and vibration.
Equipment and process monitoring data storage
Example Order Number: 9292512G00STSVYE
XMCDisk with a 512GB extended temp solid state SLC drive with
conformal coating for -40C to 85C operating temperatures.
Applications and Related Products
AppliPak
Combine your XMCStor or any of Elma’s line of mezzanine
storage products with your choice of our partner VPX, VME and
cPCI single board computers, operating systems and device drivers
for a fully integrated and tested assembly sold and supported by
Elma under one model number with a single point of contact
.
XMC
Integrated operating
system driver
support and optional
ruggedization
Single board computer
XMCDISK


Similar Part No. - 9292012T54SSSWYS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9292 BELDEN-9292 Datasheet
146Kb / 2P
75 Ohm Analog Video Coax, RG-11, 14 AWG Solid BC, Foil 60% TC Braid,PVC Jkt
04-13-2023
9292-0101000 BELDEN-9292-0101000 Datasheet
146Kb / 2P
75 Ohm Analog Video Coax, RG-11, 14 AWG Solid BC, Foil 60% TC Braid,PVC Jkt
04-13-2023
logo
TE Connectivity Ltd
929280-1 TEC-929280-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
929281-1 TEC-929281-1 Datasheet
18Mb / 260P
Timer Interconnection System for the Automotive Industry
More results

Similar Description - 9292012T54SSSWYS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ASP-103614-01 SAMTEC-ASP-103614-01 Datasheet
417Kb / 2P
CUSTOM FOR VARIATION OF VITA 42 XMC STANDARD
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
Floppy Disk Controller
Rev. 02-16-07
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6920 ETC2-CPCI-6920 Datasheet
587Kb / 2P
64bit/66MHz PMC/PCI-Express x8 XMC
logo
KODENSHI_AUK CORP.
KED KODENSHI-KED Datasheet
134Kb / 1P
ENCODER DISK
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
NEC
M300 NEC-M300 Datasheet
399Kb / 2P
Disk array
logo
Advantech Co., Ltd.
MIC-3666 ADVANTECH-MIC-3666 Datasheet
402Kb / 1P
Dual 10 Gigabit Ethernet XMC
19-Oct-2017
MIC-3667 ADVANTECH-MIC-3667 Datasheet
645Kb / 1P
Quad Ports Gigabit Ethernet XMC
17-Jun-2019
MIC-6131 ADVANTECH-MIC-6131 Datasheet
555Kb / 1P
3U OpenVPX XMC carrier
17-Jun-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com