Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0804MC Datasheet(PDF) 1 Page - Texas Instruments

Part # 0804MC
Description  8-Pin TO-3 Socket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

0804MC Datasheet(HTML) 1 Page - Texas Instruments

  0804MC Datasheet HTML 1Page - Texas Instruments 0804MC Datasheet HTML 2Page - Texas Instruments 0804MC Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0.31 Dia
Vent Hole
40
°
40
°
Typ
0.500
Dia
0.16 Dia Thru
CSK 82
° X 0.29 Dia
2 Holes
5/16
Hex
Typ
1.00
1.187
1.68
0.12 (Typ)
0.085
(
±0.005)
0.37
0.02 Standoff
(6 Places)
0.52 Max
Insertion Depth
0.67
0.17 Min
Insertion Depth
FEATURES
q LOW CONTACT RESISTANCE
q CLOSED CONTACT ENDS
q GOLD-PLATED INNER CONTACTS
q –55
°C TO +150°C TEMPERATURE RANGE
DESCRIPTION
The 0804MC is a high quality socket designed for use
with Burr-Brown’s 8-pin TO-3 type products such as
the OPA541 and OPA512.
Although not required for use with these products, the
0804MC socket makes interchanging parts easy, espe-
cially during design and testing. Its rugged inner
contacts provide positive insertion and low contact
resistance. Closed contact ends prevent solder and flux
contamination of the internal contacts.
The socket body is molded of glass-filled polyester
and incorporates counter-sunk mounting holes and
hex-nut retaining feature. It accommodates a variety
of mounting hardware and mechanical designs.
Contact Resistance: 0.02
Ω Typ
Outer Contact: Brass
200
µ inch Tin over 100µ inch Nickel Plate
Inner Contact: BeCu
30
µ inch Gold over 50µ inch Nickel Plate
Socket Body: Glass-Filled Polyester, 94 V-0 rating
Operating Temperature Range: –55
°C to +150°C
8-Pin TO-3 Socket
0804MC
®
The information provided herein is believed to be reliable; however,
BURR-BROWN assumes no responsibility for inaccuracies or omis-
sions. BURR-BROWN assumes no responsibility for the use of this
information, and all use of such information shall be entirely at the user’s
own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. BURR-BROWN does not authorize
or warrant any BURR-BROWN product for use in life support devices
and/or systems.
© 1992 Burr-Brown Corporation
LI-414A
Printed in U.S.A. November, 1999
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other product
information, visit www.burr-brown.com
SBFS001


Similar Part No. - 0804MC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
0804MC BURR-BROWN-0804MC Datasheet
44Kb / 3P
8-Pin TO-3 Socket
More results

Similar Description - 0804MC

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
0804MC BURR-BROWN-0804MC Datasheet
44Kb / 3P
8-Pin TO-3 Socket
logo
Tyco Electronics
2-1437508-8 MACOM-2-1437508-8 Datasheet
216Kb / 4P
SOCKET, 8 PIN PRINTED CIRCUIT
logo
Picker Components
SC113-2C-PCB PICKER-SC113-2C-PCB Datasheet
91Kb / 1P
8 Pin Midget Socket for PCB Mounting
logo
Assmann Electronics Inc...
AR08-HGW-T-R ASSMANN-AR08-HGW-T-R Datasheet
286Kb / 1P
IDC-Socket, 8 Pin, Wire Wrap,
logo
List of Unclassifed Man...
PA8SO1-2006-3 ETC2-PA8SO1-2006-3 Datasheet
33Kb / 1P
8-20 Pin SOP socket/8-20 Pin DIP 0.3" or 0.6" plug
logo
SELEC Controls Pvt. Ltd
55ES SELEC-55ES Datasheet
139Kb / 2P
8 - Pin Socket / Panel Mount Timer
55Q SELEC-55Q Datasheet
143Kb / 2P
8-Pin Socket / Panel Mount Timer
55XU SELEC-55XU Datasheet
90Kb / 2P
8-Pin Socket / Panel Mount Timer
55XC SELEC-55XC Datasheet
144Kb / 2P
8-Pin Socket / Panel Mount Timer
logo
SparkFun Electronics
ROB-12457 SPARKFUN-ROB-12457 Datasheet
92Kb / 1P
Shaft Coupler - 3/8 to 3/8
1/15/2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com