Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT08
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT08 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT08 Datasheet HTML 1Page - STMicroelectronics BYT08 Datasheet HTML 2Page - STMicroelectronics BYT08 Datasheet HTML 3Page - STMicroelectronics BYT08 Datasheet HTML 4Page - STMicroelectronics BYT08 Datasheet HTML 5Page - STMicroelectronics BYT08 Datasheet HTML 6Page - STMicroelectronics BYT08 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BYT08P-400
BYT08PI-400
October 1999 - Ed: 3A
FAST RECOVERY RECTIFIER DIODES
®
This single rectifier is suited for Switch Mode
Power Supplies and other power converters.
This device is intended to free-wheeling function in
converters and motor control circuits.
DESCRIPTION
VERY LOW REVERSE RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
INSULATED PACKAGE: TO-220AC
Insulation voltage: 2500 VRMS
Capacitance = 7 pF
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
400
V
IFRM
Repetitive peak forward current
tp=5
µs F=5kHz
200
A
IF(RMS)
RMS forward current
16
A
IF(AV)
Average forward current
TO-220AC
Tc = 120
°C
δ = 0.5
8A
Insulated
TO-220AC
Tc = 105°C
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
100
A
Tstg
Storage temperature range
- 40 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values)
IF(AV)
8 A
VRRM
400 V
VF (max)
1.4 V
trr (max)
35 ns
MAIN PRODUCT CHARACTERISTICS
T0-220AC
(Plastic)
K
A
Insulated
TO-220AC
(Plastic)
K
A
1/7


Similar Part No. - BYT08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08 STMICROELECTRONICS-BYT08 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Seme LAB
BYT08-400-220M SEME-LAB-BYT08-400-220M Datasheet
25Kb / 2P
DUAL FAST RECOVERY RECTIFIER IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
logo
Vishay Siliconix
BYT08P VISHAY-BYT08P Datasheet
67Kb / 5P
Fast Recovery Silicon Power Rectifier
24-Jun-98
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Inchange Semiconductor ...
BYT08P-1000 ISC-BYT08P-1000 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - BYT08

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
Fast-Recovery Rectifier Diodes
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
FR301 EIC-FR301 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com