Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0553 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0553
Description  Gravity: I2C ADS1115 16-Bit ADC Module(Arduino & Raspberry Pi Compatible) SKU: DFR0553
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0553 Datasheet(HTML) 2 Page - DFROBOT

  DFR0553 Datasheet HTML 1Page - DFROBOT DFR0553 Datasheet HTML 2Page - DFROBOT DFR0553 Datasheet HTML 3Page - DFROBOT DFR0553 Datasheet HTML 4Page - DFROBOT DFR0553 Datasheet HTML 5Page - DFROBOT DFR0553 Datasheet HTML 6Page - DFROBOT DFR0553 Datasheet HTML 7Page - DFROBOT DFR0553 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
This module uses 16-bit ADC chip ADS1115, supports 3.3 ~ 5V wide voltage power supply. The chip
has a precision reference voltage and programmable gain adjustment (PGA), therefore, accurate
acquisition and conversion can be performed for both weak and highly variable signals. So it is also
applicable to all types of applications that the main control board needs to accurately collect the
analog signals.
One ADC module can read analog signals of 4 channels. Because of the on-
board I2C address selection switch, it supports the cascade of two ADC modules and can
read analog signals of 8 channels, it can satisfy the needs of various applications.
Specification
Supply Voltage (VCC): 3.3~5.0V
Analog Signal Detection Range: 0~VCC
Number of Analog Channels: 4
ADC Bits: 16 Bit
Operating Current: 2~3mA (Not include sensor module)
Interface Type: Gravity I2C
Interface Level: High 3.3V, Low 0V
Product Size: 32mm * 32mm(1.26in*1.26in)
Board Overview
Gravity: I2C ADS1115 16-Bit ADC Module(Arduino & Raspberry Pi Compatible)
Num
Label
Description
+
VCC
Power VCC(+3.3~5.0V)
-
GND
Power GND(0V)
C
SCL
I2C Bus Clock Line
D
SDA
I2C Bus Data Line
A
Analog In
Analog Input Channels: A0, A1, A2, A3
ADDR
I2C Address
I2C address selection switch,I2C address: 0x48, 0x49



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com