Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0559 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0559
Description  Sunflower: Solar Power Manager 5V SKU: DFR0559
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0559 Datasheet(HTML) 2 Page - DFROBOT

  DFR0559 Datasheet HTML 1Page - DFROBOT DFR0559 Datasheet HTML 2Page - DFROBOT DFR0559 Datasheet HTML 3Page - DFROBOT DFR0559 Datasheet HTML 4Page - DFROBOT DFR0559 Datasheet HTML 5Page - DFROBOT DFR0559 Datasheet HTML 6Page - DFROBOT DFR0559 Datasheet HTML 7Page - DFROBOT DFR0559 Datasheet HTML 8Page - DFROBOT DFR0559 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Selection Guide
Name
Solar Power Manager
Solar Power Manager 5V
★
SKU
DFR0535
DFR0559
Solar Power Management
IC
LTC3652
CN3065
Solar Input Voltage
7V ~ 30V
4.4V ~ 6V
Maximum Charge Current
2A
900mA
Topology
DC-DC Buck
Linear Regulator
Battery
3.7V Lithium Battery
3.7V Lithium Battery
MPPT
Yes (9V/12V/18V Optional)
Yes(Fixed 5V)
Battery Protections
Over Charge/Over Discharge/Over
Current/Reverse Connection Protections
Over Charge/Reverse Connection
Protections
Output Protections
Short Circuit/Over Current/Over Heat
Protections
Short Circuit/Over Current
Protections
USB Charge IN
Yes
Yes
USB OUT
5V 1.5A
5V 1A
Regulated OUT
Three Regulated Outputs
3.3V 1A;5V 1.5V;9V/12V 0.5A
One Regulated Output
5V 1A
Dimension
78.0mm×68.0mm
33.0mm×63.0mm
Features
A complete multifunction solar power
management module.
Applications: Small Solar Street Lamp,
Solar Powered Robots
For 9V/12V/18V Solar Panels within
20W
A small and easy-to-use 5V solar
power management module.
Applications: Solar Power Bank,
Solar Environment Monitors
For 5V Solar Panels within 10W
Introduction
DFRobot Sunflower is a new series focusing on high-efficiency small power solar energy harvesting
and management for makers, low-power applications and IoT projects. Solar Power Manager 5V is a
small power and high-efficiency solar power management module designed for 5V solar panel. It



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com