Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0625 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0625
Description  ESP32-PICO-KIT Development Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0625 Datasheet(HTML) 3 Page - DFROBOT

  DFR0625 Datasheet HTML 1Page - DFROBOT DFR0625 Datasheet HTML 2Page - DFROBOT DFR0625 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
Bluetooth
Protocols: Bluetooth V4.2 BR/EDR and BLE specification
Radio: NZIF receiver with –97 dBm sensitivity
Class-1, class-2 and class-3 transmitter
AFH
Audio: CVSD and SBC
Hardware
Module Interfaces: ADC, DAC, touch sensor, SD/SDIO/MMC Host Controller, SPI,
SDIO/SPI Slave Controller, EMAC, motor PWM, LED PWM, UART, I2C, I2S, infrared remote
controller, GPIO, pulse counter
On-chip sensor: Hall sensor
Integrated crystal: 40 MHz crystal
Integrated SPI flash: 4 MB
Operating voltage/Power supply: 2.7V~3.6V
Average Operating current: 80 mA
Minimum current delivered by power supply: 500 mA
Operating temperature range: –40 °C ~ 85 °C
Package size: 52 x 20.3 x 10 mm/2.05 x 0.80 x 0.39”
SHIPPING LIST
ESP32-PICO-KIT Development Board x1
https://www.dfrobot.com/product‐1941.html?search=DFR0625&description=true/12‐5‐19 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com