Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0646-G Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0646-G
Description  DFR0646-G, DFR0646-R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0646-G Datasheet(HTML) 1 Page - DFROBOT

  DFR0646-G Datasheet HTML 1Page - DFROBOT DFR0646-G Datasheet HTML 2Page - DFROBOT DFR0646-G Datasheet HTML 3Page - DFROBOT DFR0646-G Datasheet HTML 4Page - DFROBOT DFR0646-G Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Sorry about that.
DFR0646-G, DFR0646-R
Introduction
This 8-digit 7 segment display module has two colors to choose: red and green. It
supports 16-level brigthness adjustment and can be drived via two normal I/O ports.
The display features 4 different slave addresses, standard IIC pins, compatible with
Gravity interface, and free from MCU scanning.
Specification
•
Power Supply: DC 5V
•
Operating Current: <130mA
•
IIC Bus Interface
•
Provides 16-level Brightness Adjustment
•
16 x 8 bits RAM for storing displayed data


Similar Part No. - DFR0646-G

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0645-R DFROBOT-DFR0645-R Datasheet
829Kb / 3P
Gravity: 4-Digital LED Segment Display
DFR0647 DFROBOT-DFR0647 Datasheet
2Mb / 19P
Monochrome OLED Display
2023/10/12
DFR0648 DFROBOT-DFR0648 Datasheet
226Kb / 2P
module adopts a high-contrast, low-power OLED display.
DFR0649 DFROBOT-DFR0649 Datasheet
1Mb / 28P
SKU:DFR0649
More results

Similar Description - DFR0646-G

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2141 SAMSUNG-KA2141 Datasheet
116Kb / 15P
R/G/B VIDEO AMPLIFIER FOR MONITORS
S1D2141X01 SAMSUNG-S1D2141X01 Datasheet
110Kb / 14P
R/G/B VIDEO AMPLIFIER FOR MONITORS
logo
National Semiconductor ...
TDA2530 NSC-TDA2530 Datasheet
146Kb / 3P
R G B MATRIX PREAMPLIFIER WITH CLAMPS
logo
Tyco Electronics
C-1740699-1 MACOM-C-1740699-1 Datasheet
349Kb / 2P
SOLARLOK R G-G 4/4
C-1986175 MACOM-C-1986175 Datasheet
141Kb / 1P
SOLARLOK R G-G 4/4 WITH CABLE, ASSY
logo
Powerbox
DBL500 POWERBOX-DBL500 Datasheet
244Kb / 1P
B AT T E R Y C H A R G E R
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
logo
HARTING Technology Grou...
09-30-210-0803 HARTING-09-30-210-0803 Datasheet
493Kb / 2P
Han 10B-HMC-g-R Hood
09-30-216-0803 HARTING-09-30-216-0803 Datasheet
496Kb / 2P
Han 16B-HMC-g-R Hood
logo
Molex Electronics Ltd.
987650-4473 MOLEX-987650-4473 Datasheet
3Mb / 6P
W o r k i n g T o g e t h e r F o r A S af e r W o r k p l a c e
2010
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com