Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0646-R Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0646-R
Description  DFR0646-G, DFR0646-R
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0646-R Datasheet(HTML) 3 Page - DFROBOT

  DFR0646-R Datasheet HTML 1Page - DFROBOT DFR0646-R Datasheet HTML 2Page - DFROBOT DFR0646-R Datasheet HTML 3Page - DFROBOT DFR0646-R Datasheet HTML 4Page - DFROBOT DFR0646-R Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSB
D6
D5
D4
D3
D2
D1
LSB
1
1
1
0
0
A1
A0
R/W
Note: D3~D7 should not be changed. When writing, D0 R/W=0, so the addresses are:
A1
A0
Address
0
0
0xE0
0
1
0xE2
1
0
0xE4
1
1
0xE6
IIC Communication
The data of microprocessor communicate with the LED driver control IC via two-line bus
interface. During data input, DIN signal must keep unchanged when CLK is at high level.
Only when CLK clock signal is at low level can DIN signal be changed. The condition of
starting data input is that DIN changes from high to low when CLK is at high level, and
its condition of ending is that DIN changes from low to high when CLK is at high level,
which is in accordance with IIC communication protocol.
The operation of writing LED display data shall follow the principle of “from low bit to
high bit” of display address and “from low bit to high bit” of data byte.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com