Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0667 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0667
Description  Micro Lipo USB Charger Wiki DFRobot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0667 Datasheet(HTML) 1 Page - DFROBOT

  DFR0667 Datasheet HTML 1Page - DFROBOT DFR0667 Datasheet HTML 2Page - DFROBOT DFR0667 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Micro Lipo USB Charger Wiki –
DFRobot
SKU:DFR0667
Introduction
This Charger - MicroUSB is designed for single-cell 3.7V lithium battery. With its tiny body,
you can easily integrate it into your applications. The charger adopts TP4056X lithium battery
charging IC, which guarantees you quick and safe charging. Three output current modes can be
easily switched by selecting different bonding pads on the backside (The default output current is
set to 50mA). The thermal feedback inside the TP4056X can automatically adjust the charging
current to limit the chip temperature under high power operation or high ambient temperature
conditions.
Plug this charger into power source via its micro USB port, the LED on the charger will flash
when no battery is not connected; keep on when charging and go off when the battery is fully
charged. So, this LED would consume nothing of your battery. Meanwhile, you could plug an
external indicator so that it would be convenient to check the charging situation when the charger
module is integrated into your applications.
There are 3 charging stages provided: trickle charge, constant current charge and constant
voltage charge, which guarantee the safety and save the time.
NOTE: Low current mode can be used to charge a large capacity battery but high current
mode cannot be used to charge a small capacity battery. The battery may explode if the charging
current is too high.


Similar Part No. - DFR0667

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0668 DFROBOT-DFR0668 Datasheet
472Kb / 3P
SKU:DFR0668
7-1-22
More results

Similar Description - DFR0667

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F75198 FINTEK-F75198 Datasheet
416Kb / 10P
USB Charger Controller
logo
Texas Instruments
LP8727 TI1-LP8727 Datasheet
1Mb / 33P
Micro/Mini USB Interface with Integrated 28V Charger
logo
Micro Analog systems
MAS6260 MAS-MAS6260 Datasheet
364Kb / 9P
Li-ion and LiPo battery charger with LDO
logo
SHENZHEN FUMAN ELECTRON...
9016R FUMAN-9016R Datasheet
285Kb / 5P
USB charger IC
logo
SparkFun Electronics
PRT-10217 SPARKFUN-PRT-10217 Datasheet
99Kb / 1P
SparkFun LiPo Charger Basic - Micro-USB
10/9/2015
PRT-10401 SPARKFUN-PRT-10401 Datasheet
103Kb / 1P
SparkFun LiPo Charger Basic - Mini-USB
10/9/2015
PRT-14380 SPARKFUN-PRT-14380 Datasheet
115Kb / 2P
SparkFun Adjustable LiPo Charger
PRT-14411 SPARKFUN-PRT-14411 Datasheet
94Kb / 2P
SparkFun LiPo Charger/Booster ??5V/1A
PRT-15217 SPARKFUN-PRT-15217 Datasheet
152Kb / 2P
SparkFun LiPo Charger Plus
6??2??9
logo
ams AG
AS3610 AMSCO-AS3610 Datasheet
1Mb / 26P
Swi tching Charger for Li -Ion/LiPo/LiFePO4 powered devices
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com