Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFR0672 Datasheet(PDF) 6 Page - DFROBOT

Part # DFR0672
Description  SKU:DFR0672
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0672 Datasheet(HTML) 6 Page - DFROBOT

Back Button DFR0672 Datasheet HTML 2Page - DFROBOT DFR0672 Datasheet HTML 3Page - DFROBOT DFR0672 Datasheet HTML 4Page - DFROBOT DFR0672 Datasheet HTML 5Page - DFROBOT DFR0672 Datasheet HTML 6Page - DFROBOT DFR0672 Datasheet HTML 7Page - DFROBOT DFR0672 Datasheet HTML 8Page - DFROBOT DFR0672 Datasheet HTML 9Page - DFROBOT DFR0672 Datasheet HTML 10Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Invoke gcc compiler. -o means to generate files, and will be followed by the name of generated
file. fan.c is source program, and -lwiringPi means to use the wiringPi library in Raspberry Pi.
•
Run program
./fan
The fan will start to rotate in 2s, and its speed will increase every second. When reaching to the
highest speed, it will run for two seconds and then stop, and so on.
•
Codes Analysis
1. Init Raspberry Pi I2C configuration.
2. Control fan speed in loop. The fan speed level can be known from the protocol: 0x00: close;
0x01: full speed; 0x02: 20%speed; 0x03: 30%speed;....0x09: 90%speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com