Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THERM26F Datasheet(PDF) 4 Page - nVent Electric plc

Part # THERM26F
Description  Accessories Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

THERM26F Datasheet(HTML) 4 Page - nVent Electric plc

  THERM26F Datasheet HTML 1Page - nVent Electric plc THERM26F Datasheet HTML 2Page - nVent Electric plc THERM26F Datasheet HTML 3Page - nVent Electric plc THERM26F Datasheet HTML 4Page - nVent Electric plc THERM26F Datasheet HTML 5Page - nVent Electric plc THERM26F Datasheet HTML 6Page - nVent Electric plc THERM26F Datasheet HTML 7Page - nVent Electric plc THERM26F Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Accessories Controllers
PH763.422.2211
nVent.com/HoFFmAn
ThermAl mAnAgemenT
4
Spec-00583 J
mechAnicAl hYgrosTAT
inDUsTrY sTAnDArDs
cURus; File no. e164102
ce
APPlicATion
TheMechanicalHygrostatcontrolsrelativeairhumidityinsidean
enclosuretopreventcondensationandcorrosionthatcandamage
components.Itcanalsobeconnectedtoanenclosureheater,
coolingfans,warninglightsorotherdevices.
Thecriticalrelativehumidity(RH)levelformostcomponentsis65
percent.Above65percentRH,condensationcanformandcause
electricalequipmenttomalfunction.
FeATUres
•
Adjustablerelativehumidityrange
•
Highswitchingcapacity
•
Longservicelife(>100,000cycles)
•
Maximumpermissibleairvelocityof50ft./sec.(15m/s)
•
Maximumswitchingvoltage=250VAC
250Vshouldbeswitchedonlyinanon-condensingenvironment
•
Change-overcontact
•
Mountingclipfor35-mmDINrail
•
Connection:3-poleterminalforAWG14max.(2.5-mmsquared)
•
Contactresistancelessthan10mΩ
Finish
•
Light-grayplastic,UL94V-0
PerformanceData MechanicalHygrostat
CATALOG NUMBERS
AMHUM
ELECTRICAL DATA
Switching Capacity (Minimum)
100mA @ AC/DC 20 V
Switching Capacity (Maximum)
5A @ AC 250 V (resistive load)
0.2A @ AC 250 V (inductive load at cos O = 0.8)
DC 20W
Operating Temperature Adjustable) (°F/°C)
32/0 to 140/60
Storage Temperature (°F/°C)
-40/-40 to 140/60
UNIT CONSTRUCTION
Unit Dimensions - H x W x D (in./mm)
2.64 x 1.97 x 1.50/67 x 50 x 38
Weight (oz/g)
2.00/60



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com