Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFANTSC Datasheet(PDF) 3 Page - nVent Electric plc

Part # AFANTSC
Description  Accessories Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NVENT [nVent Electric plc]
Direct Link  https://www.nvent.com/en-us/
Logo NVENT - nVent Electric plc

AFANTSC Datasheet(HTML) 3 Page - nVent Electric plc

  AFANTSC Datasheet HTML 1Page - nVent Electric plc AFANTSC Datasheet HTML 2Page - nVent Electric plc AFANTSC Datasheet HTML 3Page - nVent Electric plc AFANTSC Datasheet HTML 4Page - nVent Electric plc AFANTSC Datasheet HTML 5Page - nVent Electric plc AFANTSC Datasheet HTML 6Page - nVent Electric plc AFANTSC Datasheet HTML 7Page - nVent Electric plc AFANTSC Datasheet HTML 8Page - nVent Electric plc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Accessories Controllers
nVent.com/HoFFmAn
SUBJECTTOCHANGEWITHOUTNOTICE
ThermAl mAnAgemenT
3
Spec-00583 J
elecTronic hYgroTherm
inDUsTrY sTAnDArDs
cURus; File no. e164102
ce
APPlicATion
TheElectronicHygrothermsensesambienttemperatureand
relativeairhumidityandadjustsaconnecteddevicetomaintain
temperatureandhumiditysetpoints.
FeATUres
•
Temperature(32-140F)andhumidity(50%-90%RH)adjustment
•
Highswitchingcapacity
•
Opticalfunctiondisplays(LED)ineachcontrol
•
Mountingclipfor35-mmDINrail
•
Change-overcontact(relay)
•
Connection:5-poleterminalforAWG14max(2.5-mmsquare).
Clampingtorque.5Nm(4.4in-lbs)maximum.
•
PlastichousingUL94V-0
•
Vertical mounting
•
OperatingvoltageisAC100-240Vwithmaximumswitching
capacityof10Aresistive/1.6AinductiveatAC240V
Finish
•
Light-grayplasticUL94V-0
PerformanceData ElectronicHygrotherm
CATALOG NUMBERS
ATEMHUM
ELECTRICAL DATA
Hysteresis
~ 3.6 F (2K) ± 1.8 F (1K) tolerance
Humidity Set Point (adjustable)
50-90% RH
Temperature Set Point (adjustable) (°F/°C)
32/0 to 140/60
Operating Temperature Range (°F/°C)
-40 to 140/-40 to 60
Storage Temperature (°F/°C)
-40 to 140/-40 to 60
CONTACTS
3 and 5
Close at...
humidity rise or temperature drop
Open at...
humidity drop or temperature rise
Use for...
heaters, dehumidifiers, low-temp alarms
4 and 5
Close at...
humidity drop or temperature rise
Open at...
humidity rise or temperature drop
Use for...
cooling, humidifiers, high-temp alarms
UNIT CONSTRUCTION
Unit Dimensions - H x W x D (in./mm)
3.03 x 2.36 x 1.69/77 x 60 x 43



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com