Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBT Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS1601IPFBT
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1601IPFBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS1601IPFBT Datasheet HTML 6Page - Texas Instruments ADS1601IPFBT Datasheet HTML 7Page - Texas Instruments ADS1601IPFBT Datasheet HTML 8Page - Texas Instruments ADS1601IPFBT Datasheet HTML 9Page - Texas Instruments ADS1601IPFBT Datasheet HTML 10Page - Texas Instruments ADS1601IPFBT Datasheet HTML 11Page - Texas Instruments ADS1601IPFBT Datasheet HTML 12Page - Texas Instruments ADS1601IPFBT Datasheet HTML 13Page - Texas Instruments ADS1601IPFBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0
0
-20
-40
-60
-80
-100
-120
-140
-160
100
200
300
Frequency(kHz)
400
500
600
f
=504kHz, 1dBFS
IN
-
SNR=91dB
THD= 117dB
-
SFDR=122dB
0
0
-20
-40
-60
-80
-100
-120
-140
-160
100
200
300
Frequency(kHz)
400
500
600
f
=504kHz, 6dBFS
IN
-
SNR=86dB
THD= 110dB
-
SFDR=115dB
0
0
-20
-40
-60
-80
-100
-120
-140
-160
100
200
300
Frequency(kHz)
400
500
600
f
=504kHz, 10dBFS
IN
-
SNR=83dB
THD= 110dB
-
SFDR=117dB
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignal Amplitude, V
(dB)
IN
SFDR
SNR
THD
140
120
100
80
60
40
20
f
=10kHz
IN
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignal Amplitude, V
(dB)
IN
SFDR
SNR
THD
140
120
100
80
60
40
20
f
=100kHz
IN
140
120
100
80
60
40
20
-80
-70
-60
-50
-40
-30
-20
-10
0
InputSignal Amplitude, V
(dB)
IN
SFDR
SNR
f
=500kHz
IN
THD
ADS1601
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 20MHz, VREF = +3V, VCM = +2.7V, and
RBIAS = 60kΩ, unless otherwise noted.
SPECTRAL RESPONSE
SPECTRAL RESPONSE
Figure 9.
Figure 10.
SNR, THD, AND SFDR
SPECTRAL RESPONSE
vs INPUT SIGNAL AMPLITUDE
Figure 11.
Figure 12.
SNR, THD, AND SFDR
SNR, THD, AND SFDR
vs INPUT SIGNAL AMPLITUDE
vs INPUT SIGNAL AMPLITUDE
Figure 13.
Figure 14.
10
Copyright
© 2004–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com