Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5240IPAP Datasheet(PDF) 31 Page - Texas Instruments

Part # ADS5240IPAP
Description  4-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter with Serial LVDS Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5240IPAP Datasheet(HTML) 31 Page - Texas Instruments

Back Button ADS5240IPAP Datasheet HTML 24Page - Texas Instruments ADS5240IPAP Datasheet HTML 25Page - Texas Instruments ADS5240IPAP Datasheet HTML 26Page - Texas Instruments ADS5240IPAP Datasheet HTML 27Page - Texas Instruments ADS5240IPAP Datasheet HTML 28Page - Texas Instruments ADS5240IPAP Datasheet HTML 29Page - Texas Instruments ADS5240IPAP Datasheet HTML 30Page - Texas Instruments ADS5240IPAP Datasheet HTML 31Page - Texas Instruments ADS5240IPAP Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(6.5)
60X (0.5)
64X (1.5)
64X (0.3)
(R0.05) TYP
(11.4)
(11.4)
PowerPAD
TQFP - 1.2 mm max height
PAP0064F
PLASTIC QUAD FLATPACK
NOTES: (continued)
11. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
12. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD
100% PRINTED SOLDER COVERAGE BY AREA
SCALE:6X
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES
BASED ON
0.125 THICK STENCIL
SYMM
SYMM
METAL COVERED
BY SOLDER MASK
64
49
17
32
33
48
1
16
65
4226412/A 11/2020
5.49 X 5.49
0.175
5.93 X 5.93
0.15
6.5 X 6.5 (SHOWN)
0.125
7.27 X 7.27
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com