Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5463IPFP Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS5463IPFP
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5463IPFP Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS5463IPFP Datasheet HTML 26Page - Texas Instruments ADS5463IPFP Datasheet HTML 27Page - Texas Instruments ADS5463IPFP Datasheet HTML 28Page - Texas Instruments ADS5463IPFP Datasheet HTML 29Page - Texas Instruments ADS5463IPFP Datasheet HTML 30Page - Texas Instruments ADS5463IPFP Datasheet HTML 31Page - Texas Instruments ADS5463IPFP Datasheet HTML 32Page - Texas Instruments ADS5463IPFP Datasheet HTML 33Page - Texas Instruments ADS5463IPFP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
External VREF Applied − V
40
50
60
70
80
90
2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 3.15
G042
fS = 500 MSPS
fIN = 230 MHz
AIN = −1 dBFS
AIN = −5 dBFS
AIN = −6 dBFS
AIN = −4 dBFS
AIN = −3 dBFS
AIN = −2 dBFS
External VREF Applied − V
−3.0
−2.5
−2.0
−1.5
−1.0
−0.5
0.0
0.5
1.0
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
G019
Normalized to 0 dB at Nominal VREF = 2.4 V
fS = 500 MSPS
fIN = 230 MHz
AIN = < −1 dBFS
Normalized
Amplitude
Best Fit:
y = −3.06x + 7.33
Linear
(Normalized Amplitude)
External VREF Applied − V
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 3.15
G052
fS = 500 MSPS
fIN = 230 MHz
External VREF Applied − V
40
45
50
55
60
65
70
2.05 2.15 2.25 2.35 2.45 2.55 2.65 2.75 2.85 2.95 3.05 3.15
G051
fS = 500 MSPS
fIN = 230 MHz
AIN = −1 dBFS
AIN = −2 dBFS
AIN = −3 dBFS
AIN = −4 dBFS
AIN = −5 dBFS
AIN = −6 dBFS
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
Figure 53. ADS5463 Signal Gain Adjustment versus
Figure 54. ADS5463 SFDR versus External VREF and AIN
External Reference (VREF)
Figure 55. ADS5463 SNR versus External VREF and AIN
Figure 56. Total Power Consumption versus External
VREF
30
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com