Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS54RF63IPFPR Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS54RF63IPFPR
Description  12-Bit, 500-/550-MSPS Analog-to-Digital Converters
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS54RF63IPFPR Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS54RF63IPFPR Datasheet HTML 24Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 25Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 26Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 27Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 28Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 29Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 30Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 31Page - Texas Instruments ADS54RF63IPFPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
Over-Range Analog Input Recovery Error
Analog Input Amplitude − dBFS
−4
−3
−2
−1
0
1
2
3
4
−1
0
1
2
3
4
5
6
G055
Test fIN = Fclkmax/4 Sinusoid
Expected In-Range Code is 2048 (Mid-Scale)
Input Amplitude Values >0 dBFS are
Over-Ranging the ADC
Error After Positive Over-Range
Error After Negative Over-Range
ADS5463
ADS54RF63
SLAS515E – NOVEMBER 2006 – REVISED JULY 2009 ................................................................................................................................................... www.ti.com
For applications requiring dc-coupling with the signal source, a differential input/differential output amplifier like
the THS4509 (see Figure 51) provides good harmonic performance and low noise over a wide range of
frequencies. Notice that VREF is used for the common mode with the ADS5463/ADS54RF63 and
ADS5444/5440, whereas VCM must be used with the ADS5474.
In this configuration, the THS4509 amplifier circuit provides 10 dB of gain, converts the single-ended input to
differential, and sets the proper input common-mode voltage to the ADS5463/ADS54RF63 by using the VREF
pin from the ADC. The 50-
Ω resistors and 18-pF capacitor between the THS4509 outputs and
ADS5463/ADS54RF63 inputs (along with the input capacitance of the ADC) limit the bandwidth of the signal to
about 70 MHz (–3 dB). Input termination is accomplished via the 78.9-
Ω resistor and 0.22-
µF capacitor to
ground, in conjunction with the input impedance of the amplifier circuit. A 0.22-
µF capacitor and 49.9-Ω resistor
are inserted to ground across the 78.9-
Ω resistor and 0.22-
µF capacitor on the alternate input to balance the
circuit. Gain is a function of the source impedance, termination, and 348-
Ω feedback resistor. See the THS4509
data sheet for further component values to set proper 50-
Ω termination for other common gains. Because the
ADS5463/ADS54RF63 recommended input common-mode voltage is 2.4 V, the THS4509 is operated from a
single power supply input with Vs+ = 5 V and Vs– = 0 V (ground). This maintains maximum headroom on the
internal transistors of the THS4509.
An over-range condition occurs if the analog input voltage exceeds the full-scale range of the converter (0dBFS,
nominally 2.2 Vpp). To test recovery from an over-range, the ADC analog input is injected with a sinusoidal input
frequency exactly at CLKIN/4 (a four-point sinusoid). The four sample points of each period theoretically occur at
the top, mid-scale, bottom and mid-scale of the sinusoid. Once the amplitude exceeds 0dBFS, the top and
bottom of the sinusoidal input becomes out of range, while the mid-scale points are always in-range and
therefore measureable. The graph in Figure 52 indicates the amount of error from the expected mid-scale value
of 2048 that occurs after negative over-range (bottom of sinusoid went out of range) and positive over-range (top
of sinusoid went out of range). Due to the four point sinusoid, this equates to the amount of error in a valid
sample 1 clock cycle after an over-range occurs as a function of amplitude. The errors generally increase as a
function of input over-range amplitude, though non-monotonically.
R
R
R
OVER-RANGE RECOVERY ERROR
vs
ANALOG INPUT AMPLITUDE
Figure 52.
28
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5463 ADS54RF63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com