Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPLU300N04S4-R8 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPLU300N04S4-R8
Description  Battery disconnect switch For all voltage up to 24 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPLU300N04S4-R8 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPLU300N04S4-R8_V02 Datasheet HTML 1Page - Infineon Technologies AG IPLU300N04S4-R8_V02 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product brief
Battery disconnect switch
For all voltage up to 24 V
Infineon has teamed up with Schweizer Electronic AG to develop the 24 V ADR (European
Agreement Concerning the International Carriage of Dangerous Goods by Road) Switch
Demonstrator. This demo shows a semiconductor based solution of a 24 V battery master
switch for trucks and commercial vehicles as required by the ADR regulation.
For highly automated driving, commercial vehicles require an E/E architecture, which – in
addition to sensor fusion – ensures safety-critical processes such as steering and braking
at all times. Amongst other things, a redundant 24 V supply with corresponding discon-
nection is required.
In order to disconnect high-current batteries or power supply networks on demand,
circuits based on high-current MOSFETs are required which have the lowest possible
on-resistance (300 A, 40 V, 0.53 mΩ typ.) and optimized printed circuit board technologies
to provide maximum current carrying capacity and the lowest thermal resistances.
› AUIR3242S: MOSFET Driver
› IPLU300N04S4-R8 (8x)
› Batteryvoltage24V,max.nominal36V
› Load dump up to 58 V
› Quiescent current 28 µA @ 24 V
› Static current 300 A
› 1800 A for 10s (2400 peak)
› High switch off energy
› Cooling via cables
› PCB with 1 mm copper inlay
› Fast turn on/off to allow for safe op-
eration under critical circumstances
› Extended short circuit robustness
› High quality with FiT rates
below < 0.5 ppm
› Better price performance than
mechanical relay
› Very compact design = ready to use
› Unidirectional battery disconnection
› Safety applications such as EPS,
engine fan, chassis control etc.
› Replacement of mechanical Relay
› High current control load
Key features
Key benefits
Key applications
www.infineon.com/CAV


Similar Part No. - IPLU300N04S4-R8_V02

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPLU300N04S4-R8 INFINEON-IPLU300N04S4-R8_V01 Datasheet
267Kb / 9P
OptiMOS™-T2 Power-Transistor
2015-10-06
More results

Similar Description - IPLU300N04S4-R8_V02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4720CY VISHAY-SI4720CY Datasheet
72Kb / 8P
Battery Disconnect Switch
21-Jul-97
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
Battery Disconnect Switch
19-Apr-04
SI4719CY VISHAY-SI4719CY Datasheet
80Kb / 8P
Battery Disconnect Switch
31-Aug-98
SI4710CY VISHAY-SI4710CY Datasheet
78Kb / 9P
Battery Disconnect Switch
20-Dec-98
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
Battery Disconnect Switch
05-Apr-99
SI4720 VISHAY-SI4720 Datasheet
123Kb / 10P
Battery Disconnect Switch
13-Jun-11
SI9717CY VISHAY-SI9717CY Datasheet
86Kb / 3P
Battery Disconnect Switch
05-Apr-99
logo
Cooper Bussmann, Inc.
15968 COOPER-15968 Datasheet
68Kb / 1P
Battery Disconnect Switch
logo
Vishay Siliconix
SI4720 VISHAY-SI4720_V01 Datasheet
113Kb / 10P
Battery Disconnect Switch
13-Jun-11
logo
Littelfuse
75920 LITTELFUSE-75920 Datasheet
216Kb / 2P
36V MASTER BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc. 072022-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com