Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFP Datasheet(PDF) 33 Page - Texas Instruments

Part # ADS5294IPFP
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFP Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS5294IPFP Datasheet HTML 29Page - Texas Instruments ADS5294IPFP Datasheet HTML 30Page - Texas Instruments ADS5294IPFP Datasheet HTML 31Page - Texas Instruments ADS5294IPFP Datasheet HTML 32Page - Texas Instruments ADS5294IPFP Datasheet HTML 33Page - Texas Instruments ADS5294IPFP Datasheet HTML 34Page - Texas Instruments ADS5294IPFP Datasheet HTML 35Page - Texas Instruments ADS5294IPFP Datasheet HTML 36Page - Texas Instruments ADS5294IPFP Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
33
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Feature Description (continued)
(1)
EN_CUSTOM_FILT is the D15 of register 5A (Hex) to B9 (Hex).
9.3.4 Decimation Filter
ADS5294 includes an option to decimate the ADC output data using filters. Once the decimation is enabled, the
decimation rate, frequency band of the filter can be programmed. In addition, the user can select either the pre-
defined or custom coefficients.
Table 1. Digital Filters(1)
DECIMATION
TYPE OF FILTER
DATA
_RATE
FILTERn
_RATE
FILTERn
_COEFF_SET
ODD_TAP
USE
_FILTER
_CHn
EN_CUSTOM
_FILT
Decimate by 2
Built-in low-pass odd-tap filter (pass band = 0 to
fS / 4)
01
000
000
1
1
0
Built-in high-pass odd-tap filter (pass band = fS /
4 to fS /2)
01
000
001
1
1
0
Decimate by 4
Built-in low-pass even-tap filter (pass band = 0
to fS / 8)
10
001
010
0
1
0
Built-in first band pass even tap filter (pass band
= fS / 8 to fS / 4)
10
001
011
0
1
0
Built-in second band pass even tap filter (pass
band = fS / 4 to 3 fS / 8)
10
001
100
0
1
0
Built-in high pass odd tap filter (pass band = 3
fS / 8 to fS / 2)
10
001
101
1
1
0
Decimate by 2
Custom filter (user-programmable coefficients)
01
000
000
0 and 1
1
1
Decimate by 4
Custom filter (user-programmable coefficients)
10
001
000
0 and 1
1
1
Decimate by 8
Custom filter (user-programmable coefficients)
11
100
000
0 and 1
1
1
Bypass
decimation
Custom filter (user-programmable coefficients)
00
011
000
0 and 1
1
1
9.3.5 Decimation Filter Equation
In the default setting, the decimation filter is implemented as a 24-tap FIR filter with symmetrical coefficients
(each coefficient is 12-bit signed). By setting the register bit ODD_TAPn = 1, a 23-tap FIR is implemented
9.3.5.1 Pre-defined Coefficients
The built-in filters (lowpass, highpass, and bandpass) use pre-defined coefficients. The frequency responses of
the build-in decimation filters with different decimation factors are shown in Figure 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com