Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5500IPAP Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS5500IPAP
Description  14-Bit, 125Msps ANALOG-TO-DIGITAL CONVERTER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5500IPAP Datasheet(HTML) 5 Page - Texas Instruments

  ADS5500IPAP Datasheet HTML 1Page - Texas Instruments ADS5500IPAP Datasheet HTML 2Page - Texas Instruments ADS5500IPAP Datasheet HTML 3Page - Texas Instruments ADS5500IPAP Datasheet HTML 4Page - Texas Instruments ADS5500IPAP Datasheet HTML 5Page - Texas Instruments ADS5500IPAP Datasheet HTML 6Page - Texas Instruments ADS5500IPAP Datasheet HTML 7Page - Texas Instruments ADS5500IPAP Datasheet HTML 8Page - Texas Instruments ADS5500IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
www.ti.com
DIGITAL CHARACTERISTICS
ADS5500
SBAS303F – DECEMBER 2003 – REVISED FEBRUARY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typ values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 Msps, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1-dBFS differential
input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
25
°C
80
85
fIN = 10 MHz
Full temp range
78
83
fIN = 30 MHz
82
fIN = 55 MHz
77
THD
Total harmonic distortion
25
°C
77.5
81
dBc
fIN = 70 MHz
Full temp range
76
79.5
fIN = 100 MHz
79
fIN = 150 MHz
75
fIN = 225 MHz
71.8
ENOB
Effective number of bits
fIN = 70 MHz
11.3
Bits
f = 10.1 MHz, 15.1 MHz
95
(–7 dBFS each tone)
f = 30.1 MHz, 35.1 MHz
IMD
Two-tone intermodulation distortion
94
dBFS
(–7 dBFS each tone)
f = 50.1 MHz, 55.1 MHz
94
(–7 dBFS each tone)
ACPSRR AC power supply rejection ratio
Supply noise frequency
≤ 100 MHz
35
dB
POWER SUPPLY
ICC
Total supply current
fIN = 70 MHz
236
265
mA
IAVDD
Analog supply current
fIN = 70 MHz
175
190
mA
fIN = 70 MHz, 10-pF load from
IDRVDD
Output buffer supply current
61
75
mA
digital outputs to ground
Analog only
578
627
mW
Power dissipation
Output buffer power with 10-pF
202
248
mW
load on digital output to ground
Standby power
With clocks running
181
250
mW
Valid over the full recommended operating temperature range, AV
DD = DRVDD = 3.3 V, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
High-level input voltage
2.4
V
Low-level input voltage
0.8
V
High-level input current
10
µA
Low-level input current
–10
µA
Input current for RESET
–20
µA
Input capacitance
4
pF
DIGITAL OUTPUTS
Low-level output voltage
CLOAD = 10 pF
0.3
V
High-level output voltage
CLOAD = 10 pF
2.8
3
V
Output capacitance
3
pF
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com