Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5294IPFPT Datasheet(PDF) 53 Page - Texas Instruments

Part # ADS5294IPFPT
Description  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPT Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADS5294IPFPT Datasheet HTML 49Page - Texas Instruments ADS5294IPFPT Datasheet HTML 50Page - Texas Instruments ADS5294IPFPT Datasheet HTML 51Page - Texas Instruments ADS5294IPFPT Datasheet HTML 52Page - Texas Instruments ADS5294IPFPT Datasheet HTML 53Page - Texas Instruments ADS5294IPFPT Datasheet HTML 54Page - Texas Instruments ADS5294IPFPT Datasheet HTML 55Page - Texas Instruments ADS5294IPFPT Datasheet HTML 56Page - Texas Instruments ADS5294IPFPT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 82 page
background image
0
1
2
10
11
10
1
0
11
1
y(n)=
(h
x(n)+h
x(n 1)+h
x(n 2)+...+h
x(n 10)+h
x(n 11)+h
x(n 12)...+h
x(n 21)+h
x(n 22)
2
æ
ö
´
´
´
-
´
-
´
-
´
-
´
-
´
-
´
-
é
ù
ç
÷ ë
û
ç
÷
è
ø
0
1
2
11
11
1
0
11
1
y(n) =
(h
x(n)+h
x(n 1)+h
x(n
2)+...+h
x(n 11)+h
x(n 12)...+h
x(n 22)+h
x(n 23)
2
æ
ö
´
´
´
-
´
-
´
-
´
-
´
-
´
-
é
ù
ç
÷ ë
û
è
ø
53
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
When the contents of a particular Bin is set to zero, then the LVDS buffer corresponding to that Bin gets
automatically powered down.
9.6.1.9 Decimation Filter
Table 16. Decimation Filter
ADDR.
(HEX)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
NAME
29
X
GLOBAL_EN_FILTER
2E
X
X
X
FILTER1_COEFF_SET<2:0>
X
X
X
FILTER1_RATE<2:0>
X
ODD_TAP1
X
USE_FILTER1
2F
X
X
X
FILTER2_COEFF_SET<2:0>
X
X
X
FILTER2_RATE<2:0>
X
ODD_TAP2
X
USE_FILTER2
30
X
X
X
FILTER3_COEFF_SET<2:0>
X
X
X
FILTER3_RATE<2:0>
X
ODD_TAP3
X
USE_FILTER3
31
X
X
X
FILTER4_COEFF_SET<2:0>
X
X
X
FILTER4_RATE<2:0>
X
ODD_TAP4
X
USE_FILTER4
32
X
X
X
FILTER5_COEFF_SET<2:0>
X
X
X
FILTER5_RATE<2:0>
X
ODD_TAP5
X
USE_FILTER5
33
X
X
X
FILTER6_COEFF_SET<2:0>
X
X
X
FILTER6_RATE<2:0>
X
ODD_TAP6
X
USE_FILTER6
34
X
X
X
FILTER7_COEFF_SET<2:0>
X
X
X
FILTER7_RATE<2:0>
X
ODD_TAP7
X
USE_FILTER7
35
X
X
X
FILTER8_COEFF_SET<2:0>
X
X
X
FILTER8_RATE<2:0>
X
ODD_TAP8
X
USE_FILTER8
The decimation filter is implemented as 24-tap FIR with symmetrical coefficients (each coefficient is 12-bit
signed). The filter equation is:
(2)
By setting the register bit <ODD_TAPn> = 1, a 23-tap FIR is implemented:
(3)
In Equation 2 and Equation 3, h0, h1 …h11 are 12-bit signed representation of the coefficients, x(n) is the input
data sequence to the filter and y(n) is the filter output sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com