Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C77099298 Datasheet(PDF) 1 Page - Glamox

Part # C77099298
Description  C77-R160x160 WH 1200 HF840 SM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

C77099298 Datasheet(HTML) 1 Page - Glamox

  C77099298 Datasheet HTML 1Page - Glamox C77099298 Datasheet HTML 2Page - Glamox C77099298 Datasheet HTML 3Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/3
C77-R160x160 WH 1200 HF
840 SM
The C77-R MINI is a series of slender recessed downlight
with rounded corners and an industrial appearance. The
futuristic metal housing with arrays of specially designed
reflector optics ensures full glare control and comfortable
light.
Item No.
C77099298
GTIN
7054130992981
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Square
Electrical Data
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
9.9
Number Of Luminaire MCB 10B
24
Number Of Luminaire MCB 10C
41
Number Of Luminaire MCB 16B
40
Number Of Luminaire MCB 16C
68
Optic
Optic Name
SM - Silver matt reflector
UGR (70/50/20 & 4H-8H crosswise)
20
Optic main category
Reflector
Certificates
Certification
ENEC
Technical Data
Minimum TA (ºC)
-25
Maximum TA (ºC)
30
IK classification
08
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
1194
Lumen Per Watt (lm/W)
121
Lamp colour temp (K)
4000
Colour Rendering Index
>80
MacAdam step
3
Energy Class Light Source
E
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
100 000
LED Lifetime L80B50 Max Ta (h)
100 000
Driver lifetime at Ta=25, 10% failure rate (h)
100000
Driver lifetime at Ta=45, 10% failure rate (h)
50000
Luminous flux decline (LLMF) 50.000h Ta25
0.96
Housing
Body Material
Steel
Body Colour
WH - White
Main Body Colour Name
Traffic white
Main Body Colour RAL code
RAL 9016
Dimensions
Length (mm)
160
Width (mm)
160
Height (mm)
32
Cut out (mm)
133x133
Item Net Weight (kg)
0.5704
Termination
Termination
2x1.5mm2 Push In


Similar Part No. - C77099298

ManufacturerPart #DatasheetDescription
logo
Glamox
C77099295 GLAMOX-C77099295 Datasheet
268Kb / 3P
C77-R160x160 WH 1200DALI 830 SM
C77099296 GLAMOX-C77099296 Datasheet
256Kb / 3P
C77-R160x160 WH 1200 HF830 SM
More results

Similar Description - C77099298

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
WHA10RFE-T OHMITE-WHA10RFE-T Datasheet
168Kb / 2P
WH precision series
logo
PHOENIX CONTACT
2715788 PHOENIX-2715788 Datasheet
68Kb / 2P
EB 80- DIK WH
3037119 PHOENIX-3037119 Datasheet
172Kb / 4P
ST 2,5 WH
3037177 PHOENIX-3037177 Datasheet
160Kb / 4P
ST 4 WH
3045075 PHOENIX-3045075 Datasheet
162Kb / 6P
UT 2,5 WH
3045130 PHOENIX-3045130 Datasheet
145Kb / 6P
UT 4 WH
3045198 PHOENIX-3045198 Datasheet
144Kb / 6P
UT 6 WH
3046317 PHOENIX-3046317 Datasheet
143Kb / 6P
UT 10 WH
5060883 PHOENIX-5060883 Datasheet
81Kb / 3P
ZB10/WH-100:UNBEDRUCKT
logo
Schneider Electric
ZB4FLCUST02 SCHNEIDER-ZB4FLCUST02 Datasheet
74Kb / 1P
FLUSH WH PROJECTING PB HEAD WH MARKED O
Oct 8, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com