Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC64APNF-G-AMERE2 Datasheet(PDF) 9 Page - RAMXEED LIMITED

Part # MB85RC64APNF-G-AMERE2
Description  64 K (8 K x 8) Bit I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC64APNF-G-AMERE2 Datasheet(HTML) 9 Page - RAMXEED LIMITED

Back Button MB85RC64APNF-G-AMERE2 Datasheet HTML 5Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 6Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 7Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 8Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 9Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 10Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 11Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 12Page - RAMXEED LIMITED MB85RC64APNF-G-AMERE2 Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
MB85RC64A
DS501-00019-5v2-E
9
• Sequential Read
Data can be received continuously following the Device address word (R/W “1” input) after specifying the
address in the same way as for Random Read. If the read reaches the end of address, the internal read
address automatically rolls over to first memory address 0000H and keeps reading.
SOFTWARE RESET SEQUENCE OR COMMAND RETRY
In case the malfunction has occurred after power on, the master side stopped the I2C communication during
processing, or unexpected malfunction has occurred, execute the following (1) software recovery sequence
just before each command, or (2) retry command just after failure of each command.
(1) Software Reset Sequence
Since the slave side may be outputting “L” level, do not force to drive “H” level, when the master side drives
the SDA port. This is for preventing a bus conflict. The additional hardware is not necessary for this software
reset sequence.
(2) Command Retry
Command retry is useful to recover from failure response during I2C communication.
Stop Condition
ACK (SDA is the "L" level)
A
P
NACK (SDA is the "H" level)
N
AA
A
N P
Read
Data 8bits
Read
Data 8bits
Read
Data
...
...
Access from master
Access from slave
SCL
SDA
9 set of “Start Conditions and one “1” data”
Send “Start Condition and one data “1””.
Repeat these 9 times just before Write or Read command.
Hi-Z state by pull up Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com