Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPS2-1000-2000-R-1 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QPS2-1000-2000-R-1
Description  PIN Diode Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QPS2-1000-2000-R-1 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QPS2-1000-2000-R-1 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PIN Diode Switch
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QPS2-1000-2000-R-1
SPDT, 1~2GHz, Reflective
Features:
Applications:
* Low Insertion Loss
* Wireless
* High Isolation
* Transmitter
* Laboratory Test
* Radar
Electrical
Frequency:
1~2GHz
Insertion Loss:
1dB max.
Isolation:
80dB min.
VSWR:
1.5 max.
Input Power:
30dBm max.
Voltage/Current:
+5V@100mA max.
-5V@50mA max.
Control:
TTL High - 1
TTL Low/NC - 0
Mechanical
Size*1:
25*17.5*10.2mm
0.984*0.689*0.402in
Switching Time:
100nS max.
RF Connectors:
SMA Female
Power Supply Connectors:
Feed Through/Terminal Post
Housing Material:
Nickel plated aluminum
Mounting:
4-Φ2.7mm through-hole
[1] Exclude connectors.
Environmental
Operating Temperature:
-40~+85
℃
Non-operating Temperature:
-55~+125
℃
Outline Drawings
Unit: mm [in]
Tolerance: ±0.2mm [±0.008in]
Control True Table
E1
Connection
0
J0 - J1 On
1
J0 - J2 On
How To Order
QPS2-1000-2000-R-1
Customization is available upon request.


Similar Part No. - QPS2-1000-2000-R-1

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QPS2-1000-2000-R-2 QUALWAVE-QPS2-1000-2000-R-2 Datasheet
161Kb / 1P
PIN Diode Switch
Rev 1.1
More results

Similar Description - QPS2-1000-2000-R-1

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1287 DAICO-100C1287 Datasheet
26Kb / 1P
PIN Diode Transfer Switch
100C1297 DAICO-100C1297 Datasheet
136Kb / 1P
PIN Diode Transfer Switch
DS0097 DAICO-DS0097 Datasheet
36Kb / 1P
PIN Diode Transfer Switch
DSWM9040 DAICO-DSWM9040 Datasheet
32Kb / 1P
PIN Diode Switch SP40T
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386D AVAGO-HSMP-386D Datasheet
549Kb / 7P
PIN Diode Diversity Switch
logo
M/A-COM Technology Solu...
MEST2G-020-15 MA-COM-MEST2G-020-15 Datasheet
835Kb / 5P
Pin Diode Switch Element
MEST2G-050-45 MA-COM-MEST2G-050-45 Datasheet
904Kb / 5P
Pin Diode Switch Element
MEST2G-150-10-CM30 MA-COM-MEST2G-150-10-CM30 Datasheet
850Kb / 5P
Pin Diode Switch Element
logo
Broadcom Corporation.
HSMP-386D BOARDCOM-HSMP-386D Datasheet
503Kb / 7P
PIN Diode Diversity Switch
HSMP-389D BOARDCOM-HSMP-389D Datasheet
502Kb / 7P
PIN Diode Diversity Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com