Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9292012T54SSSWNO Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 9292012T54SSSWNO
Description  XMC Disk
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

9292012T54SSSWNO Datasheet(HTML) 2 Page - Elma Electronic Ltd

  9292012T54SSSWNO Datasheet HTML 1Page - Elma Electronic Ltd 9292012T54SSSWNO Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elma Electronic Inc. • 510.656.3400 • sales@elma.com • www.elma.com
XMC Disk
High capacity mezzanine storage
Block Diagram and Environmentals
Environmental
Y / N
xxxG
xxxT
Example
064G = 64GB drive
500G = 500GB drive
012T = 1.2TB drive
V = VxWorks
W = Windows
L = Linux
O = Other
Order Information
2.5” Drive capacity*
Device driver
Conformal Coating
9292
54
72
00 (solid state drive)
Drive RPM
RSD= standard duty rotating
RED= enhanced duty rotating
RXD= extended duty rotating
SSS= commercial solid state SLC
SSM= commercial solid state MLC
SSE= commercial solid state eMLC
STS=extended temp solid state SLC
STM=extended temp solid state MLC
STE=extended temp solid state eMLC
2.5” Drive Type
S = 0°C to +55°C
E = -40C to +85
O = Other
Temperature Requirements
PCI
Experss
XMC
Connector
P15
PCIE
1 Lane
PCIE Ref.
Clock
PERST
12C
GA0..2
MVMRO
4Mb FLASH
BIOS
S13132
Bridge
2Kb
256x8
EEPROM
LED
I2C
SATA data
JP2 2.5 inch
SATA
Connector
I2C
EEPROM
General
The 9292 is a single width XMC module (74mm x 149mm)
compatible with the VITA 42.3 mezzanine module standard.
Each configuration has an onboard Silicon Image PCIe x 1 to
dual port SATA II controller.
Input / Output
When attached to a host Single Board Computer (SBC), the
9292 provides access to one 2.5” SATA storage drive from
the host PCIe bus via the P15 XMC connector.
Compatibility
The 9292 is directly compatible with VITA and PICMG SBCs,
and any carrier cards with XMC sites.
Power Requirements
Required Input Power: +5V @1A
+3.3V @ TBD
+12V @ TBD
Standard Operating Temp:
0°C to 55°C
Extended Operating Temp:
-40°C to 85°C (optional)
Non-operating:
-40°C to 85°C
Operating Shock:
HDD 400G 2ms
SSD 40G 11ms
Operating Vibration:
HDD - 1G (5-500Hz)
SSD 5G (10 - 2000 HZ)
All configurations of the 9292 are RoHS compliant.
XMC9292 - Rev2 - 120512
Storage
VITA
Shock and vibration values are media dependent.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com