Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH80 Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSH80
Description  Wide-band rail-to-rail operational amplifiers with standby function
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH80 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSH80 Datasheet HTML 9Page - STMicroelectronics TSH80 Datasheet HTML 10Page - STMicroelectronics TSH80 Datasheet HTML 11Page - STMicroelectronics TSH80 Datasheet HTML 12Page - STMicroelectronics TSH80 Datasheet HTML 13Page - STMicroelectronics TSH80 Datasheet HTML 14Page - STMicroelectronics TSH80 Datasheet HTML 15Page - STMicroelectronics TSH80 Datasheet HTML 16Page - STMicroelectronics TSH80 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
DocID009413 Rev 10
13/27
TSH80, TSH82
Electrical characteristics
27
Figure 8. Small signal measurement – rise time
(VCC = ±2.5 V)
Figure 9. Small signal measurement – fall time
(VCC = ±2.5 V)
Figure 10. Channel separation (crosstalk) vs.
frequency schematic (VCC = ±2.5 V)
Figure 11. Channel separation (crosstalk) vs.
frequency (VCC = ±2.5 V)
Figure 12. Equivalent input noise voltage
(VCC = ±2.5 V)
Figure 13. Maximum output swing
(VCC = ±2.5 V)
0
10
20
30
40
50
60
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
Vin
Vout
Time (ns)
Gain = +2, RL = 150 Ω,
0
10
20
30
40
50
60
Time (ns)
-0.06
-0.04
- 0.02
0
0.02
0.04
0.06
Vin
Vout
Gain = +2, RL = 150 Ω , Vin = 400 mVpk
Measurement configuration:
1E+4
1E+5
1E+6
1E+7
Frequency (Hz)
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
3/1output
4/1output
2/1output
4/1 output
3/1 output
2/1 output
Gain = +11, ZL = 150 Ω //27 pF
0.1
1
10
100
1000
5
10
15
20
25
30
_
+
Frequency (kHz)
Gain = +100, no load
0.0E+0
5.0E-2
1. 0E-1
1.5 E- 1
2.0E-1
Time (ms)
-3
-2
-1
0
1
2
3
Vout
Vin
Gain = +11, RL = 150 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com