Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSZ151ILT Datasheet(PDF) 26 Page - STMicroelectronics

Part # TSZ151ILT
Description  Very high accuracy (7 μV) high bandwidth (1.6 MHz) zero-drift 5 V op amp
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSZ151ILT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TSZ151ILT Datasheet HTML 22Page - STMicroelectronics TSZ151ILT Datasheet HTML 23Page - STMicroelectronics TSZ151ILT Datasheet HTML 24Page - STMicroelectronics TSZ151ILT Datasheet HTML 25Page - STMicroelectronics TSZ151ILT Datasheet HTML 26Page - STMicroelectronics TSZ151ILT Datasheet HTML 27Page - STMicroelectronics TSZ151ILT Datasheet HTML 28Page - STMicroelectronics TSZ151ILT Datasheet HTML 29Page - STMicroelectronics TSZ151ILT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
5
Application information
5.1
Operating voltages
The TSZ151 and TSZ152 devices can operate from 1.8 to 5.5 V. The parameters are fully specified at 1.8 V, 3.3
V, and 5 V power supplies. However, the parameters are very stable over the full VCC range and several
characterization curves show the TSZ151 and TSZ152 devices characteristics over the full operating range.
Additionally, the main specifications are guaranteed in an extended temperature range from -40 to 125 °C.
5.2
Input offset voltage drift vs. temperature
The maximum input voltage drift variation vs. temperature is defined as the offset variation related to the offset
value measured at 25 °C. The operational amplifier is one of the main circuits of the signal conditioning chain, and
the amplifier input offset (Vio) is a major contributor to the chain accuracy. The signal chain accuracy at 25 °C can
be compensated during production at application level. The maximum input voltage drift vs. temperature enables
the system designer to anticipate the effect of temperature variations. The maximum input voltage drift vs.
temperature is computed using equation 1.
ΔVioΔT= Vio_T−Vio_25°C
T−25°C T=−40°CandT=125°C
(1)
The datasheet minimum and maximum values are guaranteed by a measurement on a representative sample
size ensuring a Cpk (process capability index) greater than 1.3.
5.3
Maximum power dissipation
The usable output load current drive is limited by the maximum power dissipation allowed by the device package.
The absolute maximum junction temperature for the TSZ151 is 150 °C. The junction temperature can be
estimated as follows:
TJ=PD×θJA+TA
(2)
TJ is the die junction temperature.
PD is the power dissipated in the package.
θJA is the junction to thermal resistance of the package.
TA is the ambient temperature.
The power dissipated in the package PD is the sum of the quiescent power dissipated and the power dissipated
by the output stage transistor. It is calculated as follows:
PD = (VCC × ICC) + (VCC+ − VOUT) × IOUT when the op amp is sourcing the current.
PD = (VCC × ICC) + (VOUT − VCC−) × IOUT when the op amp is sinking the current.
Do not exceed the 150 °C maximum junction temperature for the device. Exceeding the junction temperature limit
can cause degradation in the parametric performance or even destroy the device.
5.4
PCB layout recommendations
Particular attention must be paid to the layout of the PCB tracks connected to the amplifier, load, and power
supply. The power and ground traces are critical as they must provide adequate energy and grounding for all
circuits. The best practice is to use short and wide PCB traces to minimize voltage drops and parasitic
inductance. In addition, to minimize parasitic impedance over the entire surface, use a multi-via technique that
connects the bottom and top layer ground planes together in many locations. The copper traces that connect the
output pins to the load and supply pins should be as wide as possible to minimize trace resistance.
5.5
Decoupling capacitor
In order to ensure op amp full functionality, it is mandatory to place a decoupling capacitor of at least 22 nF as
close as possible to the op amp supply pin. A good decoupling helps to reduce an electromagnetic interference
impact.
TSZ151, TSZ152
Application information
DS14459 - Rev 4
page 26/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com