Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-R6110 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # CPCI-R6110
Description  6U CompactPCI® Rear Transition Module with Intel® Ethernet Controller I350-AM2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

CPCI-R6110 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  CPCI-R6110 Datasheet HTML 1Page - Elma Electronic Ltd CPCI-R6110 Datasheet HTML 2Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
(1) Two GbE ports are from independent Intel® Ethernet Controller I350-AM2 on RTM
(2) Supports VGA only when mated with cPCI-6930, cPCI-6880(P), cPCI-6870
(3) Converted from USB which unable to support Windows OS installation.
(4) Two onboard 7-pin signal connectors for external drives and one direct connector for onboard 2.5” SATA drive.
(5) Space is reserved onboard for one 2.5” SATA drive
Model
GbE
USB 2.0
COM
DVI
VGA
SATA
CF
PS/2 KB/MS
SD
cPCI-R6100 Faceplate
4(1)
4
1 (RJ-45)
1(2)
1
1
Onboard
2 (7-pin)
1(3)
1
cPCI-R6110 Faceplate
2
4
1
1
Onboard
3(4)(5)
1(3)
1
cPCI-R6120 Faceplate
2
4
1
1
Onboard
2 (4)(5)
(2.5” onboard)
1
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Mar. 13, 2017. ©2017 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com